Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PXI-6541 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # PXI-6541
Description  100 and 50 MHz Digital Waveform Generator/Analyzers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PXI-6541 Datasheet(HTML) 3 Page - National Instruments Corporation

  PXI-6541 Datasheet HTML 1Page - National Instruments Corporation PXI-6541 Datasheet HTML 2Page - National Instruments Corporation PXI-6541 Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2004 National Instruments Corporation. All rights reserved. LabVIEW, LabWindows, CVI, Measurement Studio, and ni.com are trademarks
of National Instruments. Other product and company names listed are trademarks or trade names of their respective companies.
NI Services and Support
NI has the services and support to meet
your needs around the globe and through
the application life cycle – from planning
and development through deployment
and ongoing maintenance. We offer
services and service levels to meet
customer requirements in research,
design, validation, and manufacturing.
Visit ni.com/services.
Training and Certification
NI training is the fastest, most certain route to productivity with our
products. NI training can shorten your learning curve, save
development time, and reduce maintenance costs over the
application life cycle. We schedule instructor-led courses in cities
worldwide, or we can hold a course at your facility. We also offer a
professional certification program that identifies individuals who
have high levels of skill and knowledge on using NI products.
Visit ni.com/training.
Professional Services
Our Professional Services
Team is comprised of NI
applications engineers, NI
Consulting Services, and
a worldwide NI Alliance
Partner Program of more than 600 independent consultants and
integrators. Services range from start-up assistance to turnkey system
integration. Visit ni.com/alliance.
OEM Support
We offer design-in consulting and product integration assistance if
you want to use our products for OEM applications. For information
about special pricing and services for OEM customers, visit
ni.com/oem
.
Local Sales and Technical Support
In offices worldwide, our staff is local to the country, giving you
access to engineers who speak your language. NI delivers industry-
leading technical support through online knowledge bases, our
applications engineers, and access to 14,000 measurement and
automation professionals within NI Developer Exchange forums.
Find immediate answers to your questions at ni.com/support.
We also offer service programs that provide automatic upgrades to
your application development environment and higher levels of
technical support. Visit ni.com/ssp.
Hardware Services
NI Factory Installation Services
NI Factory Installation Services (FIS) is the fastest and easiest way to
use your PXI or PXI/SCXI™ combination systems right out of the
box. Trained NI technicians install the software and hardware and
configure the system to your specifications. NI extends the standard
warranty by one year on hardware components (controllers, chassis,
modules) purchased with FIS. To use FIS, simply configure your
system online with ni.com/pxiadvisor.
Calibration Services
NI recognizes the need to maintain properly calibrated devices for
high-accuracy measurements. We provide manual calibration
procedures, services to recalibrate your products, and automated
calibration software specifically designed for use by metrology
laboratories. Visit ni.com/calibration.
Repair and Extended Warranty
NI provides complete repair services for our products. Express repair
and advance replacement services are also available. We offer
extended warranties to help you meet project life-cycle requirements.
Visit ni.com/services.
National Instruments • Tel: (512) 683-0100 • Fax: (512) 683-9300 • info@ni.com
ni.com • (800) 433-3488



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com