Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IR3500AMTRPBF Datasheet(PDF) 21 Page - International Rectifier

Part # IR3500AMTRPBF
Description  XPHASE3TM VR11.0 & AMD PVID CONTROL IC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3500AMTRPBF Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3500AMTRPBF Datasheet HTML 17Page - International Rectifier IR3500AMTRPBF Datasheet HTML 18Page - International Rectifier IR3500AMTRPBF Datasheet HTML 19Page - International Rectifier IR3500AMTRPBF Datasheet HTML 20Page - International Rectifier IR3500AMTRPBF Datasheet HTML 21Page - International Rectifier IR3500AMTRPBF Datasheet HTML 22Page - International Rectifier IR3500AMTRPBF Datasheet HTML 23Page - International Rectifier IR3500AMTRPBF Datasheet HTML 24Page - International Rectifier IR3500AMTRPBF Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
IR3500A
Page 21 of 48
July 28, 2009
Figure 11 depicts start-up sequence of converter with VR 11 VID with boot voltage, which is selected by VIDSEL pin
based on Table 1. If there is no fault, the SS/DEL pin will start charging when the enable crosses the threshold. The
error amplifier output EAOUT is clamped low until SS/DEL reaches 1.4V. The error amplifier will then regulate the
converter’s output voltage to match the SS/DEL voltage less the 1.4V offset until the converter output reaches the
1.1V boot voltage. The SS/DEL voltage continues to increase until it rises above the 3.0V threshold of VID delay
comparator. The VID set inputs are then activated and VDAC pin transitions to the level determined by the VID
inputs. The SS/DEL voltage continues to increase until it rises above 3.92V and allows the PGOOD signal to be
asserted. SS/DEL finally settles at 4.0V, indicating the end of the soft start.
Figure 12 shows start-up sequence of converter VR 11 VID without boot voltage or AMD Opteron, AMD 6-bit VID
which is selected by VIDSEL pin based on Table 1. If there is no fault, the SS/DEL pin will start charging. The error
amplifier output EAOUT is clamped low until SS/DEL reaches 1.4V. The error amplifier will then regulate the
converter’s output voltage to match the SS/DEL voltage less the 1.4V offset until the converter output reaches the
level determined by the VID inputs. The SS/DEL voltage continues to increase until it rises above 3.92V and allows
the PGOOD signal to be asserted. SS/DEL finally settles at 4.0V, indicating the end of the soft start.
SOFT START
TIME (TD2)
TD5
VRRDY
3.92V
SS/DEL
(12V)
START DELAY (TD1)
VCC
ENABLE
1.4V
VOUT
4.0V
VID SAMPLE
TIME (TD3)
VDAC
NORMAL OPERATION
3V
TD4
VRRDY DELAY
TIME (TD4+TD5)
1.1V
VID
EAOUT
Figure 11 - Start-up sequence of converter with boot voltage
VCCL under voltage lock-out, VID fault modes, over current, as well as a low signal on the ENABLE input
immediately sets the fault latch, which causes the EAOUT pin to drive low turning off the phase IC drivers. The
PGOOD pin also drives low, and SS/DEL begin to discharge until the voltage reaches 0.2V. If the fault has cleared
the fault latch will be reset by the discharge comparator allowing a normal soft start to occur.
Other fault conditions, such as over voltage, open sense lines, open loop monitor, and open daisy chain, set
different fault latches, which start discharging SS/DEL, pull down EAOUT voltage and drive PGOOD low. However,
the latches can only be reset by cycling VCCL power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com