Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IR3800MPBF Datasheet(PDF) 13 Page - International Rectifier

Part # IR3800MPBF
Description  HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3800MPBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3800MPBF Datasheet HTML 9Page - International Rectifier IR3800MPBF Datasheet HTML 10Page - International Rectifier IR3800MPBF Datasheet HTML 11Page - International Rectifier IR3800MPBF Datasheet HTML 12Page - International Rectifier IR3800MPBF Datasheet HTML 13Page - International Rectifier IR3800MPBF Datasheet HTML 14Page - International Rectifier IR3800MPBF Datasheet HTML 15Page - International Rectifier IR3800MPBF Datasheet HTML 16Page - International Rectifier IR3800MPBF Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
11/04/08
13
PD-60352
IR3800MPbF
Feedback Compensation
The IR3800 is a voltage mode controller; the
control loop is a single voltage feedback path
including error amplifier and error comparator. To
achieve fast transient response and accurate
output regulation, a compensation circuit is
necessary.
The
goal
of
the
compensation
network is to provide a closed loop transfer
function with the highest 0dB crossing frequency
and adequate phase margin (greater than 45o).
The output LC filter introduces a double pole, –
40dB/decade
gain
slope
above
its
corner
resonant frequency, and a total phase lag of 180o
(see figure 13). The resonant frequency of the LC
filter expressed as follows:
Figure 13 shows gain and phase of the LC filter.
Since we already have 180o phase shift from the
output filter alone, the system risks being
unstable.
The IR3800’s error amplifier is a differential-input
transconductance
amplifier.
The
output
is
available for DC gain control or AC phase
compensation.
The error amplifier can be compensated either in
type II or typeIII compensation. When it is used in
type
II
compensation
the
transconductance
properties of the error amplifier become evident
and can be used to cancel one of the output filter
poles. This will be accomplished with a series RC
circuit from Comp pin to ground as shown in
figure 14.
This method requires that the output capacitor
should have enough ESR to satisfy stability
requirements. In general the output capacitor’s
ESR generates a zero typically at 5kHz to 50kHz
which is essential for an acceptable phase
margin.
(11)
-
-
-
C
L
π
2
1
F
o
o
LC =
Gain
FLC
0dB
Phase
0
FLC
-180
Frequency
Frequency
-40dB/decade
Fig. 13: Gain and Phase of LC filter
The ESR zero of the output capacitor expressed
as follows:
The transfer function (Ve/Vo) is given by:
The (s) indicates that the transfer function varies
as a function of frequency. This configuration
introduces a gain and zero expressed by:
The gain is determined by the voltage divider and
error amplifier’s transconductance gain.
First select the desired zero-crossover frequency
(Fo):
Use the following equation to calculate R3:
Where:
V
in = Maximum Input Voltage
V
osc = Oscillator Ramp Voltage
F
o = Crossover Frequency
F
ESR = Zero Frequency of the Output Capacitor
F
LC = Resonant Frequency of the Output Filter
R
8 and R9 = Feedback Resistor Dividers
g
m = Error Amplifier Transconductance
(12)
-
-
-
C
ESR
2
1
F
o
ESR
*
*
π
∗
=
Fig. 14: TypeII compensation network
and its asymptotic gain plot
(13)
-
-
-
sC
C
sR
1
*
R
R
R
*
g
)
s
(
H
4
4
3
8
9
9
m
+
+
=
()
[]
(15)
-
-
-
C
R
2
1
F
(14)
-
-
-
R
*
R
R
R
g
s
H
4
3
z
3
8
9
9
m
*
*
*
π
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
(
)
s
o
ESR
o
F
1/10
~
1/5
F
and
F
F
*
≤
>
(16)
-
-
-
g
*
R
*
F
*
V
)
R
R
(
*
F
*
F
*
V
R
m
9
2
LC
in
9
8
ESR
o
osc
3
+
=
Ve
VOUT
VREF
R9
R8
R3
C4
E/A
FZ
H(s) dB
Frequency
Gain(dB)
Fb
Comp
CPOLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com