Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE4935L Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE4935L
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4935L Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE4935L Datasheet HTML 11Page - Infineon Technologies AG TLE4935L Datasheet HTML 12Page - Infineon Technologies AG TLE4935L Datasheet HTML 13Page - Infineon Technologies AG TLE4935L Datasheet HTML 14Page - Infineon Technologies AG TLE4935L Datasheet HTML 15Page - Infineon Technologies AG TLE4935L Datasheet HTML 16Page - Infineon Technologies AG TLE4935L Datasheet HTML 17Page - Infineon Technologies AG TLE4935L Datasheet HTML 18Page - Infineon Technologies AG TLE4935L Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
TLE4905L, TLE4935L, TLE4945L, TLE4945-2L
Data Sheet
13
2007-05
TLE4905 Operate-and Release-Point
versus Junction Temperature
AED03289
0
mT
B
-40
T
˚C
j
5
10
15
20
25
0
50
100
200
BOPmax
RPmax
B
BOPmin
RPmin
B
3.8 V
S
_
<V
24 V
_
<
TLE4935 Operate-and Release-Point
versus Junction Temperature
AED03291
-20
mT
B
-40
T
˚C
j
-10
0
10
20
30
0
50
100
200
BOPmax
RPmax
B
BOPmin
RPmin
B
3.8 V
S
_
<V
24 V
_
<
TLE4905 Hysteresis versus Junction
Temperature
AED03290
0
mT
B
-40
T
˚C
j
0
50
100
200
HYmax
B
HYmin
B
2
4
6
8
3.8 V
S
_
<V
24 V
_
<
TLE4945 Operate-and Release-Point
versus Junction Temperature
AED03293
-30
mT
-40
˚C
0
50
100
200
BOPmax
RPmax
B
BOPmin
RPmin
B
-20
-10
0
10
20
30
j
T
B
3.8 V
< 24 V
V
S
_
<_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com