Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE4945L Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4945L
Description  Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4945L Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4945L Datasheet HTML 5Page - Infineon Technologies AG TLE4945L Datasheet HTML 6Page - Infineon Technologies AG TLE4945L Datasheet HTML 7Page - Infineon Technologies AG TLE4945L Datasheet HTML 8Page - Infineon Technologies AG TLE4945L Datasheet HTML 9Page - Infineon Technologies AG TLE4945L Datasheet HTML 10Page - Infineon Technologies AG TLE4945L Datasheet HTML 11Page - Infineon Technologies AG TLE4945L Datasheet HTML 12Page - Infineon Technologies AG TLE4945L Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AC/DC Characteristics
3.8 V
≤ VS ≤ 24 V; – 40 °C ≤ Tj ≤ 150 °C
Parameter
Symbol
Limit Values
Unit Test Condition
Test
Circuit
min.
typ.
max.
Supply current
I
SHigh
I
SLow
–
–
3
4
7
8
mA
mA
B <
B
RP
B >
B
OP
1
1
Output saturation
voltage
V
QSat
–
0.25
0.5
V
I
Q = 40 mA
1
Output leakage
current
I
QL
–
–
10
µA
V
Q = 24 V
1
Rise/fall time
t
r / tf
–
–
1
µs
R
L = 1.2 kΩ
C
L ≤ 33 pF
1
TLE4905L, TLE4935L, TLE4945L, TLE4945-2L
Data Sheet
7
V1.5, 2007-11
Note: Typical characteristics specify mean values expected over the production spread. If not
otherwise specified, typical characteristics apply at
T
j = 25 °C and the given supply
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com