Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSK10 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DSK10
Description  1.0A Power Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DSK10 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DSK10 Datasheet HTML 1Page - Sanyo Semicon Device DSK10 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DSK10
No.2855-1/2
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Features
•
Designed for 5mm-pitch automatic insertion.
•
Small plastic molded structure(3mm body).
•
Peak reverse voltage : 100 to 1000V.
•
Average rectified current : 1.0A.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
DSK10B
DSK10C
DSK10E
Unit
Peak Reverse Voltage
VRM
100
200
400
V
Average Rectified Current
IO
→→
1.0
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
→→
45
A
Junction Temperature
Tj
→→
150
°C
Storage Temperature
Tstg
→→ --40 to +150
°C
Ratings
Parameter
Symbol
Conditions
DSK10G
DSK10L
Unit
Peak Reverse Voltage
VRM
600
1000
V
Average Rectified Current
IO
→
1.0
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
→
30
A
Junction Temperature
Tj
→
150
°C
Storage Temperature
Tstg
→ --40 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Forward Voltage
VF
IF=1.0A (B, C, E)
1.1
V
IF=1.0A (G, L)
1.2
V
Reverse Current
IR
VR : at each VRM
10
µA
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN2855C
Package Dimensions
unit : mm
1168
[DSK10]
33103 TS IM TA-4136 / 91001 GI IM / 53098 HA (KT) / 92995 GI (KOTO) / D268 TA, TS
Diffused Junction Silicon Diode
Designed for 5mm-pitch Automatic Insertion
1.0A Power Rectifier
DSK10
1
2
cathode mark
1 : Cathode
2 : Anode
SANYO :
0.6
20.0
20.0
3.0


Similar Part No. - DSK10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DSK10 SANYO-DSK10 Datasheet
34Kb / 3P
1.0A Power Rectifier
logo
Olitech Electronics Co....
DSK100 OLITECH-DSK100 Datasheet
417Kb / 2P
Surface Mount Schottky Rectifier
DSK101 OLITECH-DSK101 Datasheet
417Kb / 2P
Surface Mount Schottky Rectifier
DSK102 OLITECH-DSK102 Datasheet
417Kb / 2P
Surface Mount Schottky Rectifier
DSK103 OLITECH-DSK103 Datasheet
417Kb / 2P
Surface Mount Schottky Rectifier
More results

Similar Description - DSK10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DFH10T SANYO-DFH10T Datasheet
54Kb / 2P
1.0A Power Rectifier
DSA10 SANYO-DSA10 Datasheet
40Kb / 2P
1.0A Power Rectifier
DSF10T SANYO-DSF10T Datasheet
47Kb / 2P
1.0A Power Rectifier
DSM10 SANYO-DSM10 Datasheet
47Kb / 2P
1.0A Power Rectifier
DSF10T SANYO-DSF10T_08 Datasheet
44Kb / 3P
1.0A Power Rectifier
DSK10 SANYO-DSK10_07 Datasheet
34Kb / 3P
1.0A Power Rectifier
DSM10G_0609 SANYO-DSM10G_0609 Datasheet
62Kb / 3P
1.0A Power Rectifier
DSK10E-BT SANYO-DSK10E-BT Datasheet
34Kb / 3P
1.0A Power Rectifier
logo
ON Semiconductor
DSM10G ONSEMI-DSM10G Datasheet
84Kb / 3P
1.0A Power Rectifier
Jan-2011, Rev. 0
EN2855 ONSEMI-EN2855 Datasheet
647Kb / 2P
1.0A Power Rectifier
February, 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com