Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE4286G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4286G
Description  5-V Voltage Regulator 15 mA output current capability
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4286G Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4286G Datasheet HTML 1Page - Infineon Technologies AG TLE4286G Datasheet HTML 2Page - Infineon Technologies AG TLE4286G Datasheet HTML 3Page - Infineon Technologies AG TLE4286G Datasheet HTML 4Page - Infineon Technologies AG TLE4286G Datasheet HTML 5Page - Infineon Technologies AG TLE4286G Datasheet HTML 6Page - Infineon Technologies AG TLE4286G Datasheet HTML 7Page - Infineon Technologies AG TLE4286G Datasheet HTML 8Page - Infineon Technologies AG TLE4286G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Type
Package
Marking
TLE 4286 G
PG-SCT-595-5
A1
5-V Voltage Regulator
TLE 4286 G
PG-SCT-595-5
Data Sheet
1
Rev. 2.3, 2008-04-21
Features
•
15 mA output current capability
•1
µA current consumption in standby mode
•
Low quiescent current consumption
60
µA in ON mode
•
Inhibit input
•
Very small SMD-Package PG-SCT-595-5
•
Wide operation range: 6.2 V to 42 V
•
Wide temperature range: -40
°C to 150 °C
•
Output protected against short circuit
•
Overtemperature protection
•
Green product (RoHS compliant)
•
AEC qualified.
Functional Description
The TLE 4286 G is a 5-V low-drop fixed voltage regulator in the very small SMD package
PG-SCT-595-5. The maximum input voltage is 42 V. The output is able to drive a load of
more than 10 mA while it regulates the output voltage within a 4% accuracy.
The device can be switched in stand-by mode via an inhibit input which causes the
current consumption to drop below 1
µA.
A temperature protection disables the IC at over temperature.


Similar Part No. - TLE4286G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4286G SIEMENS-TLE4286G Datasheet
42Kb / 9P
5-V Voltage Regulator
More results

Similar Description - TLE4286G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4251 INFINEON-TLE4251_07 Datasheet
373Kb / 13P
Low Drop Voltage Tracker 400 mA output current capability
Rev. 2.9, 2007-03-20
TLE4252G INFINEON-TLE4252G Datasheet
348Kb / 12P
Low Dropout Tracking Regulator 250 mA output current capability
Rev. 1.0, 2008-05-09
TLE4473GV53 INFINEON-TLE4473GV53_08 Datasheet
292Kb / 16P
Dual Low Drop Voltage Regulator Output 2: 180 mA, 5 V (짹2%)
Rev. 1.1, 2008-09-19
TLE4276 INFINEON-TLE4276_07 Datasheet
288Kb / 20P
Low Drop Voltage Regulator 400 mA current capability
Rev. 2.7, 2007-10-23
logo
Texas Instruments
NE567V TI-NE567V Datasheet
1Mb / 18P
Logic Compatible Output with 100 mA Current Sinking Capability
TLV760 TI1-TLV760 Datasheet
1Mb / 25P
100-mA, 30-V, Fixed-Output, Linear-Voltage Regulator
logo
ON Semiconductor
NCP12700 ONSEMI-NCP12700 Datasheet
168Kb / 20P
Startup Regulator Circuit with 15 mA Capability
June, 2018 ??Rev. 0
logo
Shanghai Leiditech Elec...
KIA78L05 LEIDITECH-KIA78L05 Datasheet
4Mb / 3P
Maximum Output Current Output Voltage VO: 5 V
logo
STMicroelectronics
L99VR01 STMICROELECTRONICS-L99VR01 Datasheet
3Mb / 47P
Automotive low dropout linear voltage regulator with configurable output voltage having 200 mA current capability
22-Aug-2022
L99VR02J STMICROELECTRONICS-L99VR02J Datasheet
176Kb / 7P
Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
26-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com