Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MF1ICS50 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MF1ICS50
Description  Functional specification Public transportation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1ICS50 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MF1ICS50 Datasheet HTML 5Page - NXP Semiconductors MF1ICS50 Datasheet HTML 6Page - NXP Semiconductors MF1ICS50 Datasheet HTML 7Page - NXP Semiconductors MF1ICS50 Datasheet HTML 8Page - NXP Semiconductors MF1ICS50 Datasheet HTML 9Page - NXP Semiconductors MF1ICS50 Datasheet HTML 10Page - NXP Semiconductors MF1ICS50 Datasheet HTML 11Page - NXP Semiconductors MF1ICS50 Datasheet HTML 12Page - NXP Semiconductors MF1ICS50 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MF1ICS50_001056
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 5.6 — 24 November 2010
001056
9 of 20
NXP Semiconductors
MF1ICS50
Functional specification
Adr: Signifies a 1-byte address, which can be used to save the storage address of a
block, when implementing a powerful backup management. The address byte is
stored four times, twice inverted and non-inverted. During increment, decrement,
restore and transfer operations the address remains unchanged. It can only be
altered via a write command.
6.6.3 Sector trailer (block 3)
Each sector has a sector trailer containing the
secret keys A and B (optional), which return logical “0”s when read and
the access conditions for the four blocks of that sector, which are stored in bytes 6...9.
The access bits also specify the type (read/write or value) of the data blocks.
If key B is not needed, the last 6 bytes of block 3 can be used as data bytes.
Byte 9 of the sector trailer is available for user data. For this byte the same access rights
as for byte 6, 7 and 8 apply.
All keys are set to FFFFFFFFFFFFh at chip delivery.
Fig 6.
Value blocks
Byte Number
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Description
Adr
Value
Value
Value
Adr
Adr
Adr
Fig 7.
Sector trailer
Byte Number
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Description
Key A
Access Bits
Key B (optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com