Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IRFS5620PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFS5620PBF
Description  DIGITAL AUDIO MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS5620PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFS5620PBF Datasheet HTML 1Page - International Rectifier IRFS5620PBF Datasheet HTML 2Page - International Rectifier IRFS5620PBF Datasheet HTML 3Page - International Rectifier IRFS5620PBF Datasheet HTML 4Page - International Rectifier IRFS5620PBF Datasheet HTML 5Page - International Rectifier IRFS5620PBF Datasheet HTML 6Page - International Rectifier IRFS5620PBF Datasheet HTML 7Page - International Rectifier IRFS5620PBF Datasheet HTML 8Page - International Rectifier IRFS5620PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
12/18/08
IRFS5620PbF
IRFSL5620PbF
Notes
 through † are on page 2
DIGITAL AUDIO MOSFET
Features
• Key Parameters Optimized for Class-D Audio
Amplifier Applications
• Low RDSON for Improved Efficiency
• Low QG and QSW for Better THD and Improved
Efficiency
• Low QRR for Better THD and Lower EMI
• 175°C Operating Junction Temperature for
Ruggedness
• Can Deliver up to 300W per Channel into 8Ω Load in
Half-Bridge Configuration Amplifier
Description
This Digital Audio MOSFET is specifically designed for Class-D audio amplifier applications. This MOSFET utilizes
the latest processing techniques to achieve low on-resistance per silicon area. Furthermore, Gate charge, body-diode
reverse recovery and internal Gate resistance are optimized to improve key Class-D audio amplifier performance
factors such as efficiency, THD and EMI. Additional features of this MOSFET are 175°C operating junction
temperature and repetitive avalanche capability. These features combine to make this MOSFET a highly efficient,
robust and reliable device for ClassD audio amplifier applications.
S
D
G
GD
S
Gate
Drain
Source
S
D
G
D
D
S
G
D2Pak
IRFS5620PbF
TO-262
IRFSL5620PbF
VDS
200
V
RDS(ON) typ. @ 10V
63.7
m
:
Qg typ.
25
nC
Qsw typ.
9.8
nC
RG(int) typ.
2.6
TJ max
175
°C
Key Parameters
PD - 96205
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current c
PD @TC = 25°C
Power Dissipation
f
PD @TC = 100°C
Power Dissipation f
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case f
–––
1.045
RθJA
Junction-to-Ambient (PCB Mount)
h
–––
40
Max.
17
100
±20
200
24
144
72
0.96
-55 to + 175
300
°C/W
°C
A
V
W


Similar Part No. - IRFS5620PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS5620PBF IRF-IRFS5620PBF Datasheet
338Kb / 9P
DIGITAL AUDIO MOSFET
More results

Similar Description - IRFS5620PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLIB9343 IRF-IRLIB9343 Datasheet
190Kb / 7P
DIGITAL AUDIO MOSFET
IRLIB4343 IRF-IRLIB4343 Datasheet
239Kb / 7P
DIGITAL AUDIO MOSFET
IRLR9343PBF IRF-IRLR9343PBF Datasheet
299Kb / 10P
DIGITAL AUDIO MOSFET
IRLIB9343PBF IRF-IRLIB9343PBF Datasheet
208Kb / 7P
DIGITAL AUDIO MOSFET
IRFI4019H-117P IRF-IRFI4019H-117P Datasheet
286Kb / 7P
DIGITAL AUDIO MOSFET
IRF6785MTRPBF IRF-IRF6785MTRPBF Datasheet
604Kb / 9P
DIGITAL AUDIO MOSFET
IRLR4343PBF IRF-IRLR4343PBF Datasheet
306Kb / 11P
DIGITAL AUDIO MOSFET
IRFSL5620PBF IRF-IRFSL5620PBF Datasheet
338Kb / 9P
DIGITAL AUDIO MOSFET
IRFSL5615PBF IRF-IRFSL5615PBF Datasheet
351Kb / 9P
DIGITAL AUDIO MOSFET
IRFB5620PBF IRF-IRFB5620PBF Datasheet
274Kb / 7P
DIGITAL AUDIO MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com