Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8343ECZQADDB Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # MPC8343ECZQADDB
Description  MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8343ECZQADDB Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button MPC8343ECZQADDB Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8343ECZQADDB Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8343ECZQADDB Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8343ECZQADDB Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8343ECZQADDB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8343ECZQADDB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8343ECZQADDB Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8343ECZQADDB Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8343ECZQADDB Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 79 page
background image
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 10
54
Freescale Semiconductor
Package and Pin Listings
USB
DR_D0_ENABLEN
C28
I/O
OVDD
—
DR_D1_SER_TXD
F25
I/O
OVDD
—
DR_D2_VMO_SE0
B28
I/O
OVDD
—
DR_D3_SPEED
C27
I/O
OVDD
—
DR_D4_DP
D26
I/O
OVDD
—
DR_D5_DM
E25
I/O
OVDD
—
DR_D6_SER_RCV
C26
I/O
OVDD
—
DR_D7_DRVVBUS
D25
I/O
OVDD
—
DR_SESS_VLD_NXT
B26
I
OVDD
—
DR_XCVR_SEL_DPPULLUP
E24
I/O
OVDD
—
DR_STP_SUSPEND
A27
O
OVDD
—
DR_RX_ERROR_PWRFAULT
C25
I
OVDD
—
DR_TX_VALID_PCTL0
A26
O
OVDD
—
DR_TX_VALIDH_PCTL1
B25
O
OVDD
—
DR_CLK
A25
I
OVDD
—
Programmable Interrupt Controller
MCP_OUT
E8
O
OVDD
2
IRQ0/MCP_IN/GPIO2[12]
J28
I/O
OVDD
—
IRQ[1:5]/GPIO2[13:17]
K25, J25, H26, L24, G27
I/O
OVDD
—
IRQ[6]/GPIO2[18]/CKSTOP_OUT
G28
I/O
OVDD
—
IRQ[7]/GPIO2[19]/CKSTOP_IN
J26
I/O
OVDD
—
Ethernet Management Interface
EC_MDC
Y24
O
LVDD1
—
EC_MDIO
Y25
I/O
LVDD1
11
Gigabit Reference Clock
EC_GTX_CLK125
Y26
I
LVDD1
—
Three-Speed Ethernet Controller (Gigabit Ethernet 1)
TSEC1_COL/GPIO2[20]
M26
I/O
OVDD
—
TSEC1_CRS/GPIO2[21]
U25
I/O
LVDD1
—
TSEC1_GTX_CLK
V24
O
LVDD1
3
TSEC1_RX_CLK
U26
I
LVDD1
—
Table 51. MPC8343EA (PBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com