Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8343CZQADDB Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MPC8343CZQADDB
Description  MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8343CZQADDB Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC8343CZQADDB Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8343CZQADDB Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8343CZQADDB Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8343CZQADDB Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8343CZQADDB Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8343CZQADDB Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8343CZQADDB Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8343CZQADDB Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8343CZQADDB Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 79 page
background image
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 10
58
Freescale Semiconductor
Package and Pin Listings
OVDD
B27, D3, D11, D19, E15, E23, F5, F8,
F11, F14, F17, F20, G24, H23, H24, J6,
J14, J17, J18, K4, L9, L20, L23, L25, M6,
M9, M20, P5, P20, P23, R6, R9, R24,
U23, V4, V6
PCI, 10/100
Ethernet, and
other standard
(3.3 V)
OVDD
—
MVREF1
AF19
I
DDR
reference
voltage
—
MVREF2
AE10
I
DDR
reference
voltage
—
No Connection
NC
A22, A23, A24, B22, B23, B24, C21,
C22, C23, C24, D21, D22, D23, D24,
E21, M27, M28, N26, N27, N28, P25,
P26, P27, R28, T24, T25, T26, T27, T28,
U27, U28, Y3, Y4, Y5, AA1, AA2, AA3,
AA4, AB1, AB2, AB3, AB4, AC1, AC2,
AC3, AC4, AD1, AD2, AD3, AD5, AD7,
AD11, AD12, AE4, AE6, AE8, AE9,
AE23, AF1, AF5, AF6, AF8, AF24, AG1,
AG3, AG4, AG7, AG8, AG9, AG10, AH2,
AH3, AH5, AH8, AH9, V5, V2, V1
——
—
Notes:
1. This pin is an open-drain signal. A weak pull-up resistor (1 k
Ω) should be placed on this pin to OV
DD.
2. This pin is an open-drain signal. A weak pull-up resistor (2–10 k
Ω) should be placed on this pin to OV
DD.
3. During reset, this output is actively driven rather than three-stated.
4. These JTAG pins have weak internal pull-up P-FETs that are always enabled.
5. This pin should have a weak pull-up if the chip is in PCI host mode. Follow the PCI specifications.
6. This pin must be always be tied to GND.
7. This pin must always be pulled up to OVDD.
8. Thermal sensitive resistor.
9. It is recommended that MDIC0 be tied to GND using an 18.2
Ω resistor and MDIC1 be tied to DDR power using an 18.2 Ω
resistor.
10.TSEC1_TXD[3] is required an external pull-up resistor. For proper functionality of the device, this pin must be pulled up or
actively driven high during a hard reset. No external pull-down resistors are allowed to be attached to this net.
11. A weak pull-up resistor (2–10 k
Ω) should be placed on this pin to LV
DD1.
12. For systems that boot from local bus (GPCM)-controlled NOR flash, a pull up on LGPL4 is required.
Table 51. MPC8343EA (PBGA) Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com