Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8343EZQADDB Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC8343EZQADDB
Description  MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8343EZQADDB Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC8343EZQADDB Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8343EZQADDB Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8343EZQADDB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8343EZQADDB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8343EZQADDB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8343EZQADDB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8343EZQADDB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8343EZQADDB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8343EZQADDB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 79 page
background image
MPC8343EA PowerQUICC II Pro Integrated Host Processor Hardware Specifications, Rev. 10
4
Freescale Semiconductor
Overview
— Address translation units for address mapping between host and peripheral
— Dual address cycle for target
— Internal configuration registers accessible from PCI
•
Security engine is optimized to handle all the algorithms associated with IPSec, SSL/TLS, SRTP,
IEEE Std. 802.11i®, iSCSI, and IKE processing. The security engine contains four
crypto-channels, a controller, and a set of crypto execution units (EUs):
— Public key execution unit (PKEU) :
– RSA and Diffie-Hellman algorithms
– Programmable field size up to 2048 bits
– Elliptic curve cryptography
– F2m and F(p) modes
– Programmable field size up to 511 bits
— Data encryption standard (DES) execution unit (DEU)
– DES and 3DES algorithms
– Two key (K1, K2) or three key (K1, K2, K3) for 3DES
– ECB and CBC modes for both DES and 3DES
— Advanced encryption standard unit (AESU)
– Implements the Rijndael symmetric-key cipher
– Key lengths of 128, 192, and 256 bits
– ECB, CBC, CCM, and counter (CTR) modes
— XOR parity generation accelerator for RAID applications
— ARC four execution unit (AFEU)
–
Stream cipher compatible with the RC4 algorithm
–
40- to 128-bit programmable key
— Message digest execution unit (MDEU)
– SHA with 160-, 224-, or 256-bit message digest
– MD5 with 128-bit message digest
– HMAC with either algorithm
— Random number generator (RNG)
— Four crypto-channels, each supporting multi-command descriptor chains
– Static and/or dynamic assignment of crypto-execution units through an integrated controller
–
Buffer size of 256 bytes for each execution unit, with flow control for large data sizes
•
Universal serial bus (USB) dual role controller
— USB on-the-go mode with both device and host functionality
— Complies with USB specification Rev. 2.0
— Can operate as a stand-alone USB device
– One upstream facing port
– Six programmable USB endpoints



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com