Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSC8154 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MSC8154
Description  Quad-Core Digital Signal Processor
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8154 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MSC8154 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 44Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC8154 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
MSC8154 Quad-Core Digital Signal Processor Data Sheet, Rev. 2
Electrical Characteristics
Freescale Semiconductor
44
2.6.2.3
Serial RapidIO AC Timing Specifications
Note:
Specifications are valid at the recommended operating conditions listed in Table 3.
Table 27 defines the transmitter AC specifications for the Serial RapidIO interface. The AC timing specifications do not include
REF_CLK jitter.
Table 28 defines the Receiver AC specifications for the Serial RapidIO interface. The AC timing specifications do not include
REF_CLK jitter.
Table 27. Serial RapidIO Transmitter AC Timing Specifications
Characteristic
Symbol
Min
Typical
Max
Unit
Deterministic Jitter
JD
0.17
UI p-p
Total Jitter
JT
0.35
UI p-p
Unit Interval: 1.25 GBaud
UI
800 – 100ppm
800
800 + 100ppm
ps
Unit Interval: 2.5 GBaud
UI
400 – 100ppm
400
400 + 100ppm
ps
Unit Interval: 3.125 GBaud
UI
320 – 100ppm
320
320 + 100ppm
ps
Table 28. Serial RapidIO Receiver AC Timing Specifications
Characteristic
Symbol
Min
Typical
Max
Unit
Notes
Deterministic Jitter Tolerance
JD
0.37
UI p-p
1
Combined Deterministic and Random Jitter
Tolerance
JDR
0.55
UI p-p
1
Total Jitter Tolerance
JT
0.65
UI p-p
1, 2
Bit Error Rate
BER
10–12
——
Unit Interval: 1.25 GBaud
UI
800 – 100ppm
800
800 + 100ppm
ps
Unit Interval: 2.5 GBaud
UI
400 – 100ppm
400
400 + 100ppm
ps
Unit Interval: 3.125 GBaud
UI
320 – 100ppm
320
320 + 100ppm
ps
Notes:
1.
Measured at receiver.
2.
Total jitter is composed of three components, deterministic jitter, random jitter, and single frequency sinusoidal jitter. The
sinusoidal jitter may have any amplitude and frequency in the unshaded region of Figure 18. The sinusoidal jitter component
is included to ensure margin for low frequency jitter, wander, noise, crosstalk, and other variable system effects.
Figure 18. Single Frequency Sinusoidal Jitter Limits
8.5 UI p-p
0.10 UI p-p
Sinusoidal
Jitter
Amplitude
22.1 kHz
1.875 MHz
20 MHz
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com