Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE6258-2G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE6258-2G
Description  LIN Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6258-2G Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE6258-2G Datasheet HTML 1Page - Infineon Technologies AG TLE6258-2G Datasheet HTML 2Page - Infineon Technologies AG TLE6258-2G Datasheet HTML 3Page - Infineon Technologies AG TLE6258-2G Datasheet HTML 4Page - Infineon Technologies AG TLE6258-2G Datasheet HTML 5Page - Infineon Technologies AG TLE6258-2G Datasheet HTML 6Page - Infineon Technologies AG TLE6258-2G Datasheet HTML 7Page - Infineon Technologies AG TLE6258-2G Datasheet HTML 8Page - Infineon Technologies AG TLE6258-2G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet
4
Rev. 2.1, 2007-08-08
TLE6258-2G
Figure 1
Pin Configuration (top view)
Table 1
Pin Definitions and Functions
Pin No.
Symbol
Function
1RxD
Receive data output; integrated pull-up, LOW in dominant state
2ENN
Enable not input; integrated 30 k
Ω pull-up, transceiver in normal
operation mode when LOW
3
V
CC
5 V supply input
4TxD
Transmit data input; integrated pull-up, LOW in dominant state
5GND
Ground
6Bus
Bus output/input; internal 30 k
Ω pull-up, LOW in dominant state
7
V
S
Battery supply input
8n.c.
Not connected
AEP03406.VSD
1
RxD
2
ENH
3
VCC
4
TxD
8
7
6
5
Bus
N.C.
GND
TLE6258- 2G
VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com