Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FX855 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FX855
Description  DC-DC Converter Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FX855 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FX855 Datasheet HTML 1Page - Sanyo Semicon Device FX855 Datasheet HTML 2Page - Sanyo Semicon Device FX855 Datasheet HTML 3Page - Sanyo Semicon Device FX855 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FX855
No.4895-2/4
Continued from preceding page.
Electrical Characteristics at Ta = 25˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
]
T
E
F
S
O
M
[
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
S
-
DV
S
S
D
)
R
B
(
ID
V
,
A
m
1
=
S
G
0
=0
6V
t
n
e
r
r
u
C
n
i
a
r
D
e
g
a
t
l
o
V
e
t
a
G
-
o
r
e
ZI
S
S
D
V S
D
V
,
V
0
6
=
S
G
0
=0
0
1A
µ
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
c
r
u
o
S
-
o
t
-
e
t
a
GI
S
S
G
V S
G
V
,
V
2
1
±
=
S
D
0
=0
1
±A
µ
e
g
a
t
l
o
V
f
f
o
t
u
CV
)
f
f
o
(
S
G
V S
D
I
,
V
0
1
=
D
A
m
1
=0
.
10
.
2V
e
c
n
a
t
t
i
m
d
A
r
e
f
s
n
a
r
T
d
r
a
w
r
o
FY
|
s
f |V S
D
I
,
V
0
1
=
D
A
1
=2
.
10
.
2S
e
c
n
a
t
s
i
s
e
R
e
t
a
t
S
-
N
O
e
c
r
u
o
S
-
o
t
-
n
i
a
r
D
c
i
t
a
t
S
R
)
n
o
(
S
D
ID
V
,
A
m
1
=
S
G
V
0
1
=5
3
.
05
4
.
0
R
)
n
o
(
S
D
ID
V
,
A
1
=
S
G
V
4
=5
4
.
06
.
0
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
Is
s
i
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
5
1F
p
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
Os
s
o
CV S
D
z
H
M
1
=
f
,
V
0
1
=0
6F
p
e
c
n
a
t
i
c
a
p
a
C
r
e
f
s
n
a
r
T
e
s
r
e
v
e
Rs
s
r
CV S
D
z
H
M
1
=
f
,
V
0
1
=2
1F
p
e
m
i
T
y
a
l
e
D
N
O
-
n
r
u
Tt
)
n
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S6
s
n
e
m
i
T
e
s
i
Rtr
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
1s
n
e
m
i
T
y
a
l
e
D
F
F
O
-
n
r
u
Tt
)
f
f
o
(
d
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
6s
n
e
m
i
T
ll
a
Ftf
t
i
u
c
r
i
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S0
2s
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
e
d
o
i
DV D
S
IS
V
,
A
2
=
S
G
0
=0
.
1V
]
D
B
S
[
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
IR
A
µ
0
0
3
=0
9V
e
g
a
t
l
o
V
d
r
a
w
r
o
FVF
IF
A
m
0
0
5
=
7
.
0V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
5
4
=
0
8A
µ
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
IC
VR
e
l
c
y
C
z
H
M
1
=
f
,
V
0
1
=4
3F
p
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
r
r
tIF I
= R
t
i
u
c
r
I
C
t
s
e
T
d
e
i
f
i
c
e
p
s
e
e
S
,
A
m
0
0
1
=
0
1s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
a
-
j
h
t
R
5
8
˚C/W
Mounted on ceramic board (750mm2
×0.8mm)
Switching Time Test CIrcuit [MOSFET]
Trr Test Circuit
[SBD]



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com