Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MS2608 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # MS2608
Description  NPN SILICON RF MICROWAVE TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

MS2608 Datasheet(HTML) 1 Page - Advanced Semiconductor

  MS2608 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 7.0 mA
55
V
BVCER
IC = 7.0 mA
RBE = 10 Ω
55
V
BVEBO
IE = 1.0 mA
3.5
V
ICES
VCE = 40 V
5.0
mA
hFE
VCE = 5.0 V
IC = 600 mA
30
150
---
PG
η
C
VCC = 40 V
POUT = 12 W
f = 2.7 to 3.1 GHz
6.0
30
dB
%
Note:
Pulse Widht = 100 µS
Duty Cycle = 10 %
NPN SILICON RF MICROWAVE TRANSISTOR
MS2608
DESCRIPTION:
The ASI MS2608 is Designed for pulsed S-
Band radar applications from 2.7 to 3.1 GHz.
FEATURES:
• Internal Input/Output Matching Network
• P
G = 6.0 dB at 12 W/2.7-3.1 GHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
2.0 A
VCC
46 V
PDISS
50 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +200 °C
θ
JC
4.0 °OC/W
PACKAGE STYLE .400 2L FLG
1 = COLLECTOR
2&3 = BASE
4 = EMITTER
MINIMUM
inches / m m
.395 / 10.03
.140 / 3.56
B
C
D
E
F
G
A
M AXIM UM
.230 / 5.84
.407 / 10.34
inches / m m
H
.118 / 3.00
.131 / 3.33
DIM
K
L
I
J
.386 / 9.80
O
P
Q
R
N
M
.450 / 11.43
.050 / 1.27
.110 / 2.80
.193 / 4.90
.003 / 0.08
.006 / 0.15
.900 / 22.86
.650 / 16.51
.063 / 1.60
.125 / 3.18
.170 / 4.32
.062 / 1.58
.405 / 10.29
.110 / 2.80
J
P
G
M
C
B
D
H
F
N
Q
I
O
K
E
Ø.120
A
.062 x 45°
R
L
1
2
3
4


Similar Part No. - MS2608

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS260 ETC2-MS260 Datasheet
233Kb / 2P
Power Film Resistors
logo
Caddock Electronics, In...
MS260 CADDOCK-MS260 Datasheet
400Kb / 2P
Type MS Power Film Resistors
logo
Advanced Semiconductor
MS2601 ASI-MS2601 Datasheet
46Kb / 1P
NPN RF POWER TRANSISTOR
logo
Advanced Power Technolo...
MS2604 ADPOW-MS2604 Datasheet
120Kb / 3P
RF& MICROWAVE TRANSISTORS S BAND RADAR APPLICATIONS
More results

Similar Description - MS2608

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF10350 MACOM-MRF10350 Datasheet
147Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
MRF1090MA MACOM-MRF1090MA Datasheet
127Kb / 4P
MICROWAVE POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
TPR175 ASI-TPR175 Datasheet
23Kb / 1P
NPN SILICON RF-MICROWAVE POWER TRANSISTOR
REV. B
MSC80917 ASI-MSC80917 Datasheet
78Kb / 1P
NPN SILICON RF MICROWAVE TRANSISTOR
NE64700 ASI-NE64700 Datasheet
18Kb / 1P
NPN SILICON MICROWAVE TRANSISTOR
REV. A
logo
NTE Electronics
NTE359 NTE-NTE359 Datasheet
72Kb / 2P
Silicon NPN Transistor RF & Microwave Transistor
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Advanced Semiconductor
MRF5812 ASI-MRF5812 Datasheet
27Kb / 1P
NPN SILICON RF MICROWAVE TRANSISTOR
REV. A
MSC1004M ASI-MSC1004M Datasheet
40Kb / 1P
NPN SILICON RF MICROWAVE TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031_17 Datasheet
642Kb / 6P
Microwave Power Silicon NPN Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com