Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UML1SL Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # UML1SL
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

UML1SL Datasheet(HTML) 1 Page - Advanced Semiconductor

  UML1SL Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 1.0 mA
45
V
BVCEO
IC = 20 mA
24
V
BVEBO
IE = 0.25 mA
3.5
V
ICBO
VCB = 28 V
0.45
mA
hFE
VCE = 5.0 V
IC = 100 mA
15
120
---
Cob
VCB = 28 V
f = 1.0 MHz
5.0
pF
PG
ηηηη
D
VCC = 28 V
POUT = 1.0 W
f = 400 MHz
13
60
dB
%
NPN SILICON RF POWER TRANSISTOR
UML1SL
DESCRIPTION:
The
ASI UML1SL is Designed for
High Power Class C Amplifier in, 225
to 400 MHz Military Communication
Equipment.
FEATURES:
• Class C Operation
• P
G = 13 dB at 1.0 W/400 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
2.0 A
VCBO
45 V
VCEO
25 V
VEBO
3.5 V
PDISS
31.8 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
20 °C/W
PACKAGE STYLE .280 4L PILL
ORDER CODE: ASI10689
MINIMUM
inches / mm
.004 / 0.10
.275 / 6.99
.050 / 1.27
B
C
D
E
F
A
MAXIMUM
.285 / 7.24
.060 . 1.52
.130 / 3.30
.006 / 0.15
inches / mm
1.055 / 26.80
DIM
.220 / 5.59
.230 / 5.84
.118 / 3.00
D
E
F
ØB
ØC
A
C
B
E
E


Similar Part No. - UML1SL

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
UML1SL ASI-UML1SL Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - UML1SL

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com