Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2N2221AX Datasheet(PDF) 1 Page - Seme LAB

Part # 2N2221AX
Description  HIGH SPEED SWITCHING BIPOLAR NPN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2221AX Datasheet(HTML) 1 Page - Seme LAB

  2N2221AX Datasheet HTML 1Page - Seme LAB 2N2221AX Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PIN CONFIGURATION
Pin 1 – Emitter
Pin 2 – Base
Pin 3 – Collector
HIGH SPEED SWITCHING BIPOLAR NPN
TRANSISTOR IN A HERMETICALLY
SEALED TO-18 PACKAGE
FEATURES
• SILICON NPN TRANSISTOR
• METAL CASE (JEDEC TO-18)
• HIGH SPEED SWITCHING
APPLICATIONS:
SUITABLE FOR HIGH SPEED SWITCHING
APPLICATIONS
TO-18 (TO-206AA) CASE
MECHANICAL DATA
Dimensions in mm (inches)
2N2221AX
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Document Number 4055
Issue 1
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
VCBO
Collector-Base Voltage (IE = 0V)
60V
VCEO
Collector-Emitter Voltage (IB = 0V)
40V
VEBO
Emitter Base Voltage (IC = 0V)
5V
IC
Collector Current
0.8A
Ptot
Total Dissipation @ Tamb = 25°C
0.5W
Ptot
Total Dissipation @ Tcase = 25°C
1.8W
Tstg
Storage Temperature
-65 to 200°C
Tj
Max Operating Junction Temperature
175°C
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
1
3
2
2.54 (0.100)
Nom.
0.48 (0.019)
0.41 (0.016)
dia.
5.84 (0.230)
5.31 (0.209)
4.95 (0.195)
4.52 (0.178)


Similar Part No. - 2N2221AX

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
2N2221A SIEMENS-2N2221A Datasheet
116Kb / 4P
NPN SILICON PLANAR TRANSISTORS
logo
Fairchild Semiconductor
2N2221A FAIRCHILD-2N2221A Datasheet
378Kb / 10P
NPN Small Signal General Purpose Amplifiers
logo
Boca Semiconductor Corp...
2N2221A BOCA-2N2221A Datasheet
53Kb / 3P
NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Microsemi Corporation
2N2221A MICROSEMI-2N2221A Datasheet
295Kb / 9P
SMALL SIGNAL BIPOLAR NPN SILICON
2N2221A MICROSEMI-2N2221A Datasheet
58Kb / 2P
NPN SILICON SWITCHING TRANSISTOR
120101
More results

Similar Description - 2N2221AX

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GI5103 GTM-GI5103 Datasheet
414Kb / 3P
NPN HIGH SPEED SWITCHING TRANSISTOR
GJ5103 GTM-GJ5103 Datasheet
413Kb / 3P
NPN HIGH SPEED SWITCHING TRANSISTOR
logo
Seme LAB
2N5662 SEME-LAB-2N5662 Datasheet
22Kb / 2P
NPN BIPOLAR POWER SWITCHING
2N5666 SEME-LAB-2N5666 Datasheet
26Kb / 3P
NPN BIPOLAR POWER SWITCHING
logo
ON Semiconductor
BUD42D ONSEMI-BUD42D_11 Datasheet
184Kb / 12P
High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
BUL45D2G ONSEMI-BUL45D2G Datasheet
248Kb / 11P
High Speed, High Gain Bipolar NPN Power Transistor
April, 2010 ??Rev. 5
logo
Central Semiconductor C...
2N3009 CENTRAL-2N3009_15 Datasheet
83Kb / 1P
NPN SILICON HIGH SPEED SWITCHING TRANSISTORS
logo
ON Semiconductor
BUL45D2 ONSEMI-BUL45D2_14 Datasheet
227Kb / 11P
High Speed, High Gain Bipolar NPN Power Transistor
November, 2014 ??Rev. 8
logo
New Jersey Semi-Conduct...
2N3009 NJSEMI-2N3009 Datasheet
90Kb / 1P
NPN SILICON HIGH SPEED SWITCHING TRANSISTORS
logo
TT Electronics.
2N4209 TTELEC-2N4209 Datasheet
236Kb / 4P
High Speed Switching PNP Silicon Bipolar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com