Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMD28-461 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # FMD28-461
Description  Attenuation to 50 dB at 500 kHz Up to 7 A throughput current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMD28-461 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  FMD28-461 Datasheet HTML 1Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 2Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 3Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 4Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 5Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 6Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 7Page - Interpoint Corporation Company FMD28-461 Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Operating COnditiOns and
CharaCteristiCs
input Voltage range
0 to 50 VDC continuous
•
Transient +100 V for 100 ms
•
lead soldering temperature (10 sec per lead)
300°C
•
storage temperature range (case)
-65°C to +150°C
•
case operating temperature (tc)
-55°C to +125°C full power
•
-55°C to +135°C absolute
•
Derating input/output current
Linearly from 100% at 125°C to 0% at 135° C
•
isolation
100 megohm minimum at 500 VDC
•
meChaniCal and envirOnmental
size (maximum)
Case J4, FMD28-461
•
2.720 x 1.350 x 0.505 inches (69.09 x 34.29 x 12.83 mm)
‣
Shown on page 1 in Case J4 (down-leaded).
‣
Case U, FMD28-461SL
•
3.005 x 1.505 x 0.400 inches (76.33 x 38.23 x 10.16 mm)
Weight (maximum)
Case J4: 55 grams typical
•
Case U: 77 grams typical
•
screening
FMD28 is offered with 125°C Standard and /ES, non-QML
screening. See Standard and /ES (non-QML) screening tables for
more information on page 8.
Positive
Input
Input
Common
Positive
Output
Output
Common
FMD28-461
FIguRe 2: FMd28-461 scheMatIc
+Vin
+Vout
Input
Common
Output
Common
Case
RL
RL
EMI FILTER
DC/DC CONVERTER
+Vin
+Vout
Input
Common
Output
Common
Case
Chassis
ground
Multiple units
allowed up to
rated output
current of filter
FIguRe 1: cOnnectIOn dIagRaM
The case ground connection between the filter and the converter should be as
low an impedance as possible to minimize EMI. Direct contact of baseplate to
chassis ground provides the lowest impedance.
Crane Aerospace & Electronics Power Solutions
www.interpoint.com
Page 2 of 8
FMD28-461 eMi input Filters
28 Volt input – 7 aMp
FMD28 Rev C - 20100226



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com