Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SD1731 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SD1731
Description  RF POWER BIPOLAR TRANSISTORS HF SSB APPLICATIONS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD1731 Datasheet(HTML) 7 Page - STMicroelectronics

  SD1731 Datasheet HTML 1Page - STMicroelectronics SD1731 Datasheet HTML 2Page - STMicroelectronics SD1731 Datasheet HTML 3Page - STMicroelectronics SD1731 Datasheet HTML 4Page - STMicroelectronics SD1731 Datasheet HTML 5Page - STMicroelectronics SD1731 Datasheet HTML 6Page - STMicroelectronics SD1731 Datasheet HTML 7Page - STMicroelectronics SD1731 Datasheet HTML 8Page - STMicroelectronics SD1731 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
7/9
SD1731 (TH562)
PACKAGE MECHANICAL
Table 7. M174 Mechanical Data
Figure 11. M174 Package Dimensions
Note: Drawing is not to scale.
Symbol
millimeters
inches
Min
Typ
Max
Min
Typ
Max
A
5.59
5.84
0.220
0.230
B
3.18
0.125
C
6.22
6.48
0.245
0.255
D
18.28
18.54
0.720
0.730
E
3.18
0.125
F
24.64
24.89
0.970
0.980
G
12.57
12.83
0.495
0.505
H
0.08
0.18
0.003
0.007
I
2.29
2.79
0.090
0.110
J
4.06
4.45
0.160
0.175
K
7.11
0.280
L
26.67
1.050



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com