Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STB80PF55 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB80PF55
Description  P-channel 55 V, 0.016 Ω, 80 A TO-220, D2PAK STripFET™ II Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80PF55 Datasheet(HTML) 5 Page - STMicroelectronics

  STB80PF55 Datasheet HTML 1Page - STMicroelectronics STB80PF55 Datasheet HTML 2Page - STMicroelectronics STB80PF55 Datasheet HTML 3Page - STMicroelectronics STB80PF55 Datasheet HTML 4Page - STMicroelectronics STB80PF55 Datasheet HTML 5Page - STMicroelectronics STB80PF55 Datasheet HTML 6Page - STMicroelectronics STB80PF55 Datasheet HTML 7Page - STMicroelectronics STB80PF55 Datasheet HTML 8Page - STMicroelectronics STB80PF55 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STB80PF55, STP80PF55
Electrical characteristics
Doc ID 8177 Rev 6
5/16
Note:
For the P-CHANNEL MOSFET actual polarity of voltages and current has to be reversed
Table 7.
Source drain diode
Symbol
Parameter
Test condictions
Min.Typ.Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by Tjmax .
Source-drain current
Source-drain current (pulsed)
-
10
40
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5 %.
Forward on voltage
ISD = 80 A, VGS = 0
-
1.6
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 80 A, di/dt = 100 A/µs
VDD = 25 V, Tj =150 °C
-
110
495
9
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com