Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LA5312V Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA5312V
Description  Variable Divided Voltage Generator for LCDs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5312V Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA5312V Datasheet HTML 1Page - Sanyo Semicon Device LA5312V Datasheet HTML 2Page - Sanyo Semicon Device LA5312V Datasheet HTML 3Page - Sanyo Semicon Device LA5312V Datasheet HTML 4Page - Sanyo Semicon Device LA5312V Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Variable Divided Voltage Generator for LCDs
Overview
The LA5312V is a variable divided voltage generator IC for
multiple drive of LCD matrix.
Features
.
Power supply for variable bias LCD drive
(1/5 to 1/19 bias available by internal resistors)
.
Four voltage outputs generated by four operational
amplifiers.
.
Low current drain (0.18 mA typ.)
.
Miniflat package for miniaturization.
Package Dimensions
unit : mm
3179-SSOP20
[LA5312V]
SANYO : SSOP20
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VEE max
VCC –VEE
36
V
Maximum output current
IOUT max
V1 – V4
*Internal
mA
Allowable power dissipation
Pd max
330
mW
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–30 to +125
°C
Note 1: Continuous operation (without damage) is guaranteed in the above ranges.
Note 2: *The maximum output current is the value stipulated under the test conditions on page 4.
Note 3: Output pins V1 to V4-to-VCC or GND short not exceeding 1 ms is acceptable. (|VCC –VEE|<35 V)
Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VEE
VCC –VEE
–35.5 to –6
V
Input voltage
VREF
VREF ^ VEE :VCC –VREF
–35 to –6
V
Output current
IOUT1,2
V1, V2
–0.5 to +5
mA
IOUT3,4
V3, V4
–10 to +5
mA
Note 4: Set VCC and VEE so that |V1| and |VEE – V4| are 1 V or more.
Ordering number: EN5386
Monolithic Linear IC
LA5312V
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
53096HA(II) No.5386-1/5


Similar Part No. - LA5312V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5310M SANYO-LA5310M Datasheet
59Kb / 3P
Voltage Drivider for LCD Applications
LA5310M SANYO-LA5310M Datasheet
39Kb / 1P
COMPACT DC MOTOR SPEED CONTROLLER
LA5311 SANYO-LA5311 Datasheet
46Kb / 2P
Variable Drivided Voltage Generator for LCD
LA5311M SANYO-LA5311M Datasheet
46Kb / 2P
Variable Drivided Voltage Generator for LCD
LA5314 SANYO-LA5314 Datasheet
81Kb / 5P
Variable Divided Voltage Generator for LCD Use
More results

Similar Description - LA5312V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2366 NJRC-NJM2366 Datasheet
179Kb / 4P
ADJUSTABLE DIVIDED VOLTAGE GENERATOR
logo
Rohm
BP5302 ROHM-BP5302 Datasheet
69Kb / 4P
Power supply unit for LCDs
logo
Sanyo Semicon Device
LA5311M SANYO-LA5311M Datasheet
46Kb / 2P
Variable Drivided Voltage Generator for LCD
LA5314 SANYO-LA5314 Datasheet
81Kb / 5P
Variable Divided Voltage Generator for LCD Use
LA5315M SANYO-LA5315M Datasheet
94Kb / 4P
Variable Divided Voltage Generator for LCD Use
LA5316M SANYO-LA5316M Datasheet
106Kb / 5P
Variable Divided Voltage Generator for LCD
LA5317M SANYO-LA5317M Datasheet
84Kb / 4P
Variable Divided Voltage Generator for LCD Use?
LA5318M SANYO-LA5318M Datasheet
95Kb / 4P
Variable Divided Voltage Generator for LCD Use?
logo
Data Delay Devices, Inc...
VPG-40 DATADELAY-VPG-40 Datasheet
79Kb / 1P
Variable Pulse Generator
logo
Rohm
BP5311A ROHM-BP5311A Datasheet
58Kb / 5P
DC / DC converter for LCDs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com