Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7429S Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7429S
Description  DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7429S Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7429S Datasheet HTML 1Page - STMicroelectronics TDA7429S Datasheet HTML 2Page - STMicroelectronics TDA7429S Datasheet HTML 3Page - STMicroelectronics TDA7429S Datasheet HTML 4Page - STMicroelectronics TDA7429S Datasheet HTML 5Page - STMicroelectronics TDA7429S Datasheet HTML 6Page - STMicroelectronics TDA7429S Datasheet HTML 7Page - STMicroelectronics TDA7429S Datasheet HTML 8Page - STMicroelectronics TDA7429S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
TDA7429
2/22
Figure 3. PIN CONNECTION (SDIP42)
Table 2. Absolute Maximum Ratings
Table 3. Quick Reference Data
Table 4. Thermal Data
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
11
V
Tamb
Operating Ambient Temperature
0 to 70
°C
Tstg
Storage Temperature Range
-55 to 150
°C
Symbol
Parameter
Min.
Typ.
Max.
Unit
VS
Supply Voltage
7
9
10.2
V
VCL
Max Input Signal Handling
2
VRMS
THD
Total Harmonic Distortion V = 0.1Vrms f = 1KHz
0.01
0.1
%
S/N
Signal to Noise Ratio Vout = 1Vrms (mode = OFF)
106
dB
SC
Channel Separation f = 1KHz
90
dB
Treble Control (2dB step)
-14
14
dB
Middle Control (2dB step)
-14
14
dB
Bass Control (2dB step)
-14
14
dB
Balance Control 1dB step (LCH, RCH)
-79
0
dB
Mute Attenuation
100
dB
Symbol
Parameter
Value
Unit
Rth j-pin
Thermal Resistance Junction-pins
85
°C/W
1
3
2
4
5
6
7
8
9
AUXOUT_R
AUXOUT_L
L_IN3
L_IN1
L_IN2
MONITOR_L
MONITOR_R
R_IN1
R_IN2
37
36
35
34
33
31
32
30
29
D97AU623
10
11
12
13
14
42
41
40
39
38
R_IN3
CREF
VS
15
16
MIDDLE_RI
TREBLE_R
TREBLE_L
SCL
SDA
DIG_GND
R_OUT
28
27
26
24
25
23
22
17
18
19
20
21
LP1
HP1
HP2
REAROUT
REARIN
BASSO_L
VAR_L
VAR_R
BASSO_R
PS4
PS3
PS2
PS1
LP
BASS_LO
BASS_LI
BASS_RO
MIDDLE_LO
BASS_RI
MIDDLE_LI
MIDDLE_RO
L_OUT
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com