Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EV6000 Datasheet(PDF) 5 Page - CML Microcircuits

Part # EV6000
Description  CML Semiconductor Products
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6000 Datasheet(HTML) 5 Page - CML Microcircuits

  EV6000 Datasheet HTML 1Page - CML Microcircuits EV6000 Datasheet HTML 2Page - CML Microcircuits EV6000 Datasheet HTML 3Page - CML Microcircuits EV6000 Datasheet HTML 4Page - CML Microcircuits EV6000 Datasheet HTML 5Page - CML Microcircuits EV6000 Datasheet HTML 6Page - CML Microcircuits EV6000 Datasheet HTML 7Page - CML Microcircuits EV6000 Datasheet HTML 8Page - CML Microcircuits EV6000 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Evaluation Kit User Manual for PIC Board
EV6000
© 1996 Consumer Microcircuits Limited
5
UM6000/3
1.3
Quick Start
This section provides instructions for users who wish to experiment immediately with the evaluation kit.
A fuller description of the kit and its use appears later in this document.
1.3.1
Setting-Up
This evaluation kit comprises a single board containing a socket for a 40-pin DIL PIC (or compatible)
general-purpose
µC, which the user may re-program with his applications software.
THE EV6000 COMES WITH A PRE-CONFIGURED PIC 16C74AJW OR EQUIVALENT,
CONTAINING DIAGNOSTIC FIRMWARE AND APPLICATION SPECIFIC DEMONSTRATION
FIRMWARE FOR THE EV6020 AND EV6040 EVALUATION KITS. THE EV6000 IS SET FOR
OPERATION AT 5.0V.
The kit also contains two 20-way flat cables (one of which is needed for connection to an EV6020 or
EV6040 CML Evaluation Kit) and a 9-way D-type RS232 cable (for connection to a PC), as shown in
the Block Diagram of Figure 1. No board adjustments are required by the user.
BEFORE APPLYING POWER, PLEASE CHECK THE FOLLOWING:
ENSURE THE PIC
µµC IS PLUGGED INTO SOCKET U2 ON THE EV6000 BOARD.
CONNECT THE 9-WAY RS232 CABLE BETWEEN SOCKET J3 AND THE SERIAL PORT OF A PC.
FOR USE WITH EV6020 OR EV6040 EVALUATION KITS, CONNECT A 20-WAY FLAT CABLE
BETWEEN SOCKETS J1 ON THE EV6000 AND EV6020 OR EV6040 BOARDS.
The EV6000 board has connections for a single 8 - 35V dc power supply. Only one board (as shown in
Figure 1) needs to be connected as power is supplied to the other board over the flat cable. Each
board has its own power supply regulator chip, with a jumper to select 3.3V or 5.0V (default) operation.
MAKE SURE BOTH BOARDS HAVE THIS JUMPER SET TO THE SAME VOLTAGE. DAMAGE
MAY RESULT IF THIS STEP IS NOT OBSERVED. DO NOT OPERATE EITHER BOARD WITH ITS
VOLTAGE SELECTION JUMPER REMOVED.
Ensure that the component value jumpers on the EV6020 or EV6040 evaluation board are correctly set
for 3.3V or 5.0V operation. Please refer to Section 1.6.1.1 for further details.
Connect any other equipment as shown in Figure 1.
Ensure the PC terminal emulator program is set up as detailed in section 1.2.1.2.
1.3.2
Operation
The EV6000 kit is designed to control the operation of an EV6020 or EV6040 Evaluation Kit. The
firmware which is pre-configured into the PIC
µC has both diagnostic and application specific
commands. Refer to section 1.6.2.2 for the diagnostics and section 1.6.2.3 for the applications.
The PICPROGA.EXE program can be used to re-program the PIC
µC firmware, if required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com