Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZXTP26020DMFTA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXTP26020DMFTA
Description  20V LOW VCE(SAT ) PNP SURFACE MOUNTED TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP26020DMFTA Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXTP26020DMFTA Datasheet HTML 1Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 2Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 3Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 4Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 5Page - Diodes Incorporated ZXTP26020DMFTA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZXTP26020DMF
Document number: DS32101 Rev. 1 - 2
3 of 6
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTP26020DMF
Electrical Characteristics (at TA = 25°C unless otherwise specified)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
V(BR)CBO
-20
⎯
⎯
V
IC = -100μA, IE = 0A
Collector-Emitter Breakdown Voltage (Note 5)
V(BR)CEO
-20
⎯
⎯
V
IC = -10mA, IB = 0A
Emitter-Base Breakdown Voltage
V(BR)EBO
-7
⎯
⎯
V
IE = -100μA, IC = 0A
Collector Cutoff Current
Icbo
⎯
⎯
-100
-0.5
nA
μA
VCB = -20V, IE = 0A
VCB = -20V, IE = 0A,TA = 125°C
Emitter Cutoff Current
Ices
⎯
⎯
-100
nA
VCE = -20V, VBE = 0V
Base Cutoff Current
Iebo
⎯
⎯
-50
nA
VBE = -6V, IC = 0A
DC Current Gain (Note 5)
hFE
300
235
175
140
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
VCE = -2V, IC = -100mA
VCE = -2V, IC = -0.5A
VCE = -2V, IC = -1A
VCE = -2V, IC = -1.5A
Collector-Emitter Saturation Voltage (Note 5)
VCE(SAT)
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
-80
-100
-155
-235
mV
mV
mV
mV
IC = -100mA, IB = -1mA
IC = -500mA, IB = -50mA
IC = -1A, IB = -50mA
IC = -1.25A, IB = -62.5mA
Equivalent On-Resistance
RCE(SAT)
⎯
125
⎯
m
Ω
IC = -1A, IB = -50mA
Base-Emitter Turn-On Voltage
VBE(ON)
⎯
⎯
-1.1
V
VCE = -5V, IC = -1A
Base-Emitter Saturation Voltage
VBE(SAT)
⎯
⎯
-1.15
V
IC = -1A, IB = -50mA
Output Capacitance (Note 5)
Cobo
⎯
⎯
20
pF
VCB = -10V, f = 1.0MHz
Current Gain-Bandwidth Product
fT
200
⎯
⎯
MHz
VCE = -10V, IC = -50mA,
f = 100MHz
Turn-On Time
ton
⎯
60
⎯
ns
VCC = -10V, IC = -1A
IB2 = -IB1 = -50mA
Delay Time
td
⎯
20
⎯
ns
Rise Time
tr
⎯
40
⎯
ns
Turn-Off Time
toff
⎯
167
⎯
ns
Storage Time
ts
⎯
140
⎯
ns
Fall Time
tf
⎯
27
⎯
ns
Notes:
5. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com