Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSC2000 Datasheet(PDF) 1 Page - Sanken electric

Part # SSC2000
Description  Power Factor Correction (PFC) Controller IC of Continuous Conduction Mode (CCM) type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2000 Datasheet(HTML) 1 Page - Sanken electric

  SSC2000 Datasheet HTML 1Page - Sanken electric SSC2000 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2010/08
SOP-8
SSC2000
Series
Power Factor Correction (PFC) Controller IC
of Continuous Conduction Mode (CCM) type,
for High Power-High Efficiency Applications
General Descriptions
The SSC2000 series products are power factor correction (PFC) controller ICs of
Continuous Conduction Mode (CCM). The product achieves high power CCM systems,
with few external components and no multiplier by the average current control method.
Features
Continuous Conduction Mode (CCM)
The mode enables the low peak current recommended for high power supplies.
Average Current Control Method
The method requires no input line voltage sensing and no multiplier,
and achieves simple systems with few external components.
Pulse Width Modulation (PWM) + Frequency Modulation Function
The function superposes the modulated frequency according to Duty value, on the internally fixed PWM
frequency of 65 kHz(TYP).
Maximum Duty Cycle : 94% (TYP)
Built-in High Speed Response for Dynamic Load Changes
Error Amplifier Reference Voltage : 3.5V (TYP)
Brown-In / Brown-Out Function
The function enables the oscillation start/stop by externally rated input voltage
and makes protections at low input voltage.
Various Protections
Overvoltage Protection (OVP) -------------------------------- Auto-Restart
VCC Undervoltage Lockout (UVLO) -------------------------- Auto-Restart
Overcurrent Protection (OCP) -------------------------------- Auto-Restart
Two Overcurrent Detection Thresholds : Input Current Limitation (OCPL)
Peak Current Limitation (OCPH)
Output Open Loop Detection (OLD)-------------------------- Auto-Restart
Applications
Power Factor Correction Circuits for Middle to High Output Power Applications
AC/DC Power Supplies,
Digital Consumer Equipments; Large Screen LCD-TVs, PDP-TVs, etc.,
OA Equipments; Computers, Severs, Monitors, etc.,
Communication Devices, Others
Product Lineup
Product No
Package
SSC2001S
SOP8


Similar Part No. - SSC2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSC200 ETC-SSC200 Datasheet
22Kb / 2P
Enclosure Management Controller Product Brief
logo
Sanken electric
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
Power Factor Correction Continuous Conduction Mode Controller
SSC2005SC SANKEN-SSC2005SC Datasheet
489Kb / 19P
Critical Conduction Mode PFC Control IC
SSC2006SA SANKEN-SSC2006SA Datasheet
556Kb / 23P
Critical Conduction Mode PFC Control IC
More results

Similar Description - SSC2000

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE1PCS01 INFINEON-ICE1PCS01 Datasheet
849Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V 1.1, 28 May 2003
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE1PCS01 INFINEON-ICE1PCS01_07 Datasheet
458Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
ICE2PCS03 INFINEON-ICE2PCS03 Datasheet
507Kb / 19P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 10 Oct 2007
ICE2PCS05 INFINEON-ICE2PCS05 Datasheet
541Kb / 22P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 1.0, 09 Oct 2008
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE3PCS02G INFINEON-ICE3PCS02G Datasheet
457Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com