Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DMP2012SN Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP2012SN
Description  P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2012SN Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP2012SN Datasheet HTML 1Page - Diodes Incorporated DMP2012SN Datasheet HTML 2Page - Diodes Incorporated DMP2012SN Datasheet HTML 3Page - Diodes Incorporated DMP2012SN Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DMP2012SN
Document number: DS30790 Rev. 3 - 2
1 of 4
www.diodes.com
November 2007
© Diodes Incorporated
DMP2012SN
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Features
•
Low On-Resistance
•
Low Gate Threshold Voltage
•
Low Input Capacitance
•
Fast Switching Speed
•
Lead Free By Design/RoHS Compliant (Note 2)
•
ESD Protected Gate
•
"Green" Device (Note 4)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SC-59
•
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Finish – Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
•
Terminal Connections: See Diagram
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.008 grams (approximate)
Source
Gate
Protection
Diode
Gate
Drain
SC-59
D
G
S
ESD protected
TOP VIEW
TOP VIEW
Equivalent Circuit
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Note 1) Steady State
ID
-0.7
A
Pulsed Drain Current (Note 3)
IDM
-2.8
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 1)
Pd
500
mW
Thermal Resistance, Junction to Ambient
RθJA
250
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
-20
⎯
⎯
V
VGS = 0V, ID = 250mA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
-10
μA
VDS = -20V, VGS = 0V
Gate-Body Leakage
IGSS
⎯
⎯
±10
μA
VGS = ±12V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
-0.5
⎯
-1.2
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
⎯
0.23
0.37
0.30
0.50
Ω
VGS = -4.5V, ID = -0.4A
VGS = -2.5V, ID = -0.4A
Forward Transfer Admittance
|Yfs|
⎯
1.5
⎯
S
VDS = -10V, ID = 0.4A
Diode Forward Voltage (Note 5)
VSD
⎯
-0.8
-1.1
V
VGS = 0V, IS = -0.7A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
180
⎯
pF
Output Capacitance
Coss
⎯
120
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
50
⎯
pF
VDS = -10V, VGS = 0V
f = 1.0MHz
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
⎯
5
⎯
ns
Turn-Off Delay Time
tD(OFF)
⎯
55
⎯
ns
Turn-On Rise Time
tr
⎯
20
⎯
ns
Turn-Off Fall Time
tf
⎯
70
⎯
ns
VDD = -10V, ID = -0.4A,
VGS = -5.0V, RGEN = 50Ω
Notes:
1. Device mounted on FR-4 PCB.
2. No purposefully added lead.
3. Pulse width
≤10μS, Duty Cycle ≤1%.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - DMP2012SN

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2012SN DIODES-DMP2012SN Datasheet
202Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30790 Rev. 2 - 2
DMP2012SN-7 DIODES-DMP2012SN-7 Datasheet
202Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30790 Rev. 2 - 2
DMP2012SN DIODES-DMP2012SN_15 Datasheet
150Kb / 5P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 7
More results

Similar Description - DMP2012SN

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com