Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DMN32D2LDF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN32D2LDF
Description  COMMON SOURCE DUAL N-CHANNEL
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN32D2LDF Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN32D2LDF Datasheet HTML 1Page - Diodes Incorporated DMN32D2LDF Datasheet HTML 2Page - Diodes Incorporated DMN32D2LDF Datasheet HTML 3Page - Diodes Incorporated DMN32D2LDF Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DMN32D2LDF
COMMON SOURCE DUAL N-CHANNEL
ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Features
Common Source Dual N-Channel MOSFET
Low On-Resistance
Very Low Gate Threshold Voltage, 1.2V max
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Small Surface Mount Package
ESD Protected Gate
Lead Free By Design/RoHS Compliant (Note 2)
"Green" Device (Note 3)
Qualified to AEC-Q 101 Standards for High Reliability
Mechanical Data
Case: SOT-353
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminal Connections: See Diagram
Terminals: Finish – Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
Marking Information: See Page 3
Ordering Information: See Page 3
Weight: 0.006 grams (approximate)
G
1
D
1
G
2
D
2
S
Q1
Q
2
G2
SG1
D2
D1
SOT-353
ESD PROTECTED
TOP VIEW
BOTTOM VIEW
Schematic Diagram
TOP VIEW
Maximum Ratings Q1, Q2 @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±10
V
Drain Current (Note 1)
ID
400
mA
Thermal Characteristics Q1, Q2 @TA = 25°C unless otherwise specified
Total Power Dissipation (Note 1)
PD
280
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
446
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Electrical Characteristics Q1, Q2 @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Drain-Source Breakdown Voltage
BVDSS
30
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
@ TC = 25°C
IDSS
1
μA
VDS = 30V, VGS = 0V
Gate-Body Leakage
IGSS
±10
±1
μA
VGS = ±10V, VDS = 0V
VGS = ±5V, VDS = 0V
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(th)
0.6
1.2
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
2.2
1.5
1.2
Ω
VGS = 1.8V, ID = 20mA
VGS = 2.5V, ID = 20mA
VGS = 4.0V, ID = 100mA
Forward Transconductance
|Yfs|
100
mS
VDS =10V, ID = 0.1A
Source-Drain Diode Forward Voltage
VSD
0.5
1.4
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
39
pF
Output Capacitance
Coss
10
pF
Reverse Transfer Capacitance
Crss
3.6
pF
VDS = 3V, VGS = 0V
f = 1.0MHz
Turn-on Time
ton
11
nS
Switching Time
Turn-off Time
toff
51
nS
VDD = 5V, ID = 10 mA,
VGS = 0-5V
Notes:
1.
Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2.
No purposefully added lead.
3.
Diodes Inc.’s “Green” policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
4. Short duration pulse test used to minimize self-heating effect.
DMN32D2LDF
Document number: DS31238 Rev. 3 - 2
1 of 4
www.diodes.com
January 2008
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - DMN32D2LDF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN32D2LDF DIODES-DMN32D2LDF_15 Datasheet
281Kb / 4P
COMMON SOURCE DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Rev erse
More results

Similar Description - DMN32D2LDF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20DUM05 ADPOW-APTM20DUM05 Datasheet
289Kb / 6P
Dual common source MOSFET Power Module
APTM10DUM02 ADPOW-APTM10DUM02 Datasheet
297Kb / 6P
Dual Common Source MOSFET Power Module
logo
Seme LAB
MCA002 SEME-LAB-MCA002 Datasheet
37Kb / 3P
MULTI-CHIP ARRAY 4 COMMON SOURCE P-CHANNEL MOSFETS AND 4 COMMON SOURCE N-CHANNEL MOSFETS
logo
Microsemi Corporation
APTM10DUM02G MICROSEMI-APTM10DUM02G Datasheet
274Kb / 6P
Dual Common Source MOSFET Power Module
APTM20DUM04G MICROSEMI-APTM20DUM04G Datasheet
281Kb / 7P
Dual common source MOSFET Power Module
APTM20DUM05G MICROSEMI-APTM20DUM05G Datasheet
283Kb / 6P
Dual common source MOSFET Power Module
APTM50DUM19G MICROSEMI-APTM50DUM19G Datasheet
281Kb / 6P
Dual common source MOSFET Power Module
APTM120DU15G MICROSEMI-APTM120DU15G Datasheet
279Kb / 7P
Dual common source MOSFET Power Module
logo
Diodes Incorporated
DMN32D2LDF DIODES-DMN32D2LDF_15 Datasheet
281Kb / 4P
COMMON SOURCE DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Rev erse
logo
Texas Instruments
CSD75208W1015 TI1-CSD75208W1015 Datasheet
766Kb / 12P
Dual 20V Common Source P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com