Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ES2B Datasheet(PDF) 2 Page - Diotech Company.

Part # ES2B
Description  SURFACE MOUNT SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

ES2B Datasheet(HTML) 2 Page - Diotech Company.

  ES2B Datasheet HTML 1Page - Diotech Company. ES2B Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ES2A THRU ES2J
RATINGS AND CHARACTERISTIC CURVES
0
10
20
30
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Surge Current Derating Curve
Single Half-Sine-Wave
(JEDEC Method)
40
50
60
0.1
1.0
10
100
1000
0
40
80
120
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 4 Typical Reverse Characteristics
T = 125 C
j
°
T = 25 C
j
°
0
0.8
1.6
25
50
75
100
125
150
175
T , TERMINAL TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
T
°
2.0
0.4
1.2
50V DC
Approx
50 NI (Non-inductive)
Ω
10 NI
Ω
1.0
NI
Ω
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
trr
Set time base for 50/100 ns/cm
+0.5A
0A
-0.25A
-1.0A
Notes:
1. Rise Time= 7.0ns max. Input Impedance= 1.0M , 22pF.
2. Rise Time= 10ns max. Input Impedance= 50 .
Ω
Ω
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
0.01
0.1
1.0
10
0
0.4
0.8
1.2
1.6
T = 25 C
j
°
Pulse width= 300 s
µ
2.4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com