Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DMN26D0UT Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMN26D0UT
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN26D0UT Datasheet(HTML) 4 Page - Diodes Incorporated

  DMN26D0UT Datasheet HTML 1Page - Diodes Incorporated DMN26D0UT Datasheet HTML 2Page - Diodes Incorporated DMN26D0UT Datasheet HTML 3Page - Diodes Incorporated DMN26D0UT Datasheet HTML 4Page - Diodes Incorporated DMN26D0UT Datasheet HTML 5Page - Diodes Incorporated DMN26D0UT Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMN26D0UT
Document number: DS31854 Rev. 2 - 2
4 of 6
www.diodes.com
September 2009
© Diodes Incorporated
DMN26D0UT
Fig. 9 Typical Total Capacitance
V
, DRAIN-SOURCE VOLTAGE (V)
DS
04
8
12
16
20
0
5
10
15
20
C
iss
Crss
C
oss
f = 1MHz
0
2
4
6
8
10
12
14
16
18 20
Fig. 10 Typical Leakage Current vs. Drain-Source Voltage
V
, DRAIN-SOURCE VOLTAGE (V)
DS
0.1
10
100
1,000
10,000
1
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0.001
0.01
0.1
1
0.000001
0.001
0.01
0.1
1
10
100
1,000
Fig. 11 Transient Thermal Response
t , PULSE DURATION TIME (s)
1
0.0001
0.00001
T - T = P * R
(t)
Duty Cycle, D = t /t
JA
JA
12
θ
R
(t) = r(t) *
θJA
R
R
= 278°C/W
θ
θ
JA
JA
P(pk)
t1
t2
D = 0.7
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
D = 0.5
Ordering Information (Note 6)
Part Number
Case
Packaging
DMN26D0UT-7
SOT-523
3,000/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
2009
2010
2011
2012
2013
2014
2015
Code
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
M1
YM
M1 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: W = 2009)
M = Month (ex: 9 = September)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com