Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC846AS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BC846AS
Description  NPN GENERAL PURPOSE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC846AS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BC846AS Datasheet HTML 1Page - Pan Jit International Inc. BC846AS Datasheet HTML 2Page - Pan Jit International Inc. BC846AS Datasheet HTML 3Page - Pan Jit International Inc. BC846AS Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
STAD-JUN.20.2007
BC846AS
NPN GENERAL PURPOSE TRANSISTORS
VOLTAGE
65 Volts
150 mWatts
FEATURES
• General purpose amplifier applications
• NPN epitaxial silicon, planar design
• Collector current IC = 100mA
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
Case : SOT-363, Plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.006 gram
Marking : 46A
CURRENT
ABSOLUTE RATINGS
THERMAL CHARACTERISTICS
Note 1: Transistor mounted on FR-4 board 70 x 60 x 1mm.
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
)
1
e
t
o
N
(
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
x
a
MPTOT
0
5
1W
m
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
TR
θJA
3
3
8
O
W
/
C
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
JTJ
0
5
1
o
t
5
5
-
OC
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
STSTG
0
5
1
o
t
5
5
-
OC
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Se
u
l
a
Vs
t
i
n
U
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
r
o
t
c
e
ll
o
CVCEO
5
6V
e
g
a
t
l
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
CVCBO
0
8V
e
g
a
t
l
o
V
e
s
a
B
-
r
e
t
t
i
m
EVEBO
0
.
6V
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI C
0
0
1A
m


Similar Part No. - BC846AS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC846AS DIODES-BC846AS Datasheet
208Kb / 3P
DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30833 Rev. 7 - 2
logo
SeCoS Halbleitertechnol...
BC846AS SECOS-BC846AS Datasheet
1Mb / 7P
NPN Plastic Encapsulate Transistor
logo
Diodes Incorporated
BC846AS DIODES-BC846AS Datasheet
638Kb / 7P
65V DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 8
logo
Shenzhen Luguang Electr...
BC846AS LUGUANG-BC846AS Datasheet
695Kb / 4P
NPN general purpose Transistor
logo
Diodes Incorporated
BC846AS-7 DIODES-BC846AS-7 Datasheet
208Kb / 3P
DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30833 Rev. 7 - 2
More results

Similar Description - BC846AS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
NPN general purpose transistors
2003 Jul 15
logo
Pan Jit International I...
BC847BFN3 PANJIT-BC847BFN3 Datasheet
133Kb / 5P
NPN GENERAL PURPOSE TRANSISTORS
logo
Weitron Technology
2SC2412K WEITRON-2SC2412K_07 Datasheet
1Mb / 5P
NPN General Purpose Transistors
logo
NXP Semiconductors
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
NPN general purpose transistors
1999 Apr 08
logo
Diotec Semiconductor
2N2222A DIOTEC-2N2222A Datasheet
157Kb / 2P
General Purpose NPN Transistors
MPSA06 DIOTEC-MPSA06 Datasheet
166Kb / 2P
General Purpose NPN Transistors
logo
Micro Commercial Compon...
2SC5658-Q MCC-2SC5658-Q Datasheet
652Kb / 4P
NPN General Purpose Transistors
logo
AiT Semiconductor Inc.
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
D882 AITSEMI-D882 Datasheet
554Kb / 5P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com