Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VN10LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # VN10LP
Description  N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

VN10LP Datasheet(HTML) 1 Page - Diodes Incorporated

  VN10LP Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
N-CHANNEL ENHANCEMENT
MODE VERTICAL DMOS FET
ISSUE 2 – NOVEMBER 2005
FEATURES
*60 Volt V
DS
*R
DS(on)=5Ω
REFER TO ZVN3306A FOR GRAPHS
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Drain-Source Voltage
VDS
60
V
Continuous Drain Current at Tamb = 25°C
ID
270
mA
Pulsed Drain Current
IDM
3A
Gate Source Voltage
VGS
± 20
V
Power Dissipation at Tamb = 25°C
Ptot
625
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Drain-Source
Breakdown Voltage
BV
DSS
60
V
ID=100µA, VGS=0V
Gate-Source Threshold
Voltage
VGS(th)
0.8
2.5
V
ID=1mA, VDS= VGS
Gate Body Leakage
IGSS
100
nA
VGS=± 20V, VDS=0V
Zero Gate Voltage
Drain Current (1)
IDSS
10
µA
VDS=60 V, VGS=0V
On State Drain
Current(1)
ID(on)
750
mA
VDS=15 V, VGS=10V
Static Drain Source On
State Resistance (1)
RDS(on)
5.0
7.5
Ω
Ω
VGS=10V,ID=500mA
VGS=5V, ID=200mA
Forward
Transconductance
(1)(2)
gfs
100
mS
VDS=15V,ID=500mA
Input Capacitance (2)
Ciss
60
pF
Common Source
Output Capacitance (2)
Coss
25
pF
VDS=25 V, VGS=0V
f=1MHz
Reverse Transfer
Capacitance (2)
Crss
5pF
Turn-On Time (2)(3)
t(on)
10
ns
VDD ≈15V, ID=600mA
Turn-Off Time (2)(3)
t(off)
10
ns
E-Line
TO92 Compatible
VN10LP
3-90
D
G
S


Similar Part No. - VN10LP

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN10LP ZETEX-VN10LP Datasheet
32Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN10LP ZETEX-VN10LP_05 Datasheet
32Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
VN10LP DIODES-VN10LP_15 Datasheet
601Kb / 5P
60V N-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET
Rev 4
More results

Similar Description - VN10LP

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN2222LL ZETEX-VN2222LL Datasheet
18Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com