Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZSD100 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZSD100
Description  AUTOMOTIVE AND HOUSEHOLD SECURITY SIREN DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZSD100 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZSD100 Datasheet HTML 1Page - Diodes Incorporated ZSD100 Datasheet HTML 2Page - Diodes Incorporated ZSD100 Datasheet HTML 3Page - Diodes Incorporated ZSD100 Datasheet HTML 4Page - Diodes Incorporated ZSD100 Datasheet HTML 5Page - Diodes Incorporated ZSD100 Datasheet HTML 6Page - Diodes Incorporated ZSD100 Datasheet HTML 7Page - Diodes Incorporated ZSD100 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Issue 8 - June 2007
www.zetex.com
© Zetex Semiconductors plc 200
7
ZSD100
0
24
6
8
10
20
16
12
8
4
0
V
=12V
CC
Q
Q
VOUT - Output Voltage (V)
ISINK vVOUT
TYPICAL CHARACTERISTICS
0
2
4
6
8
10
10
8
6
4
2
0
12
Q or Q
VOUT - Output Voltage (V)
ISOURCE vVOUT
0
48
12
16
20
1.2
1.0
0.8
0.6
0.4
0.2
RT=470k
RT=0
VCC - Supply Voltage (V)
FMOD vVCC
0
48
12
16
20
1.2
1.0
0.8
0.6
0.4
0.2
FO at VCC =12V = 1.4kHz
RT=470k
RT=0
VCC - Supply Voltage (V)
FO vVCC
COUT - Output Oscillator Capacitance (nF)
FOUT vCOUT
CMOD - Modulation Capacitance (
µF)
FMOD v CMOD
1.0
10
100
10
1.0
0.1
110
100
10
1.0
0.1
RT=470k
RT=0
RT=470k
RT=0
V
=12V
CC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com