Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM2575-3.3BN Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # LM2575-3.3BN
Description  52kHz Simple 1A Buck Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2575-3.3BN Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button LM2575-3.3BN Datasheet HTML 4Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 5Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 6Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 7Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 8Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 9Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 10Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 11Page - Micrel Semiconductor LM2575-3.3BN Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Micrel, Inc.
LM2575
May 2009
10
M9999-051209-B
Package Information
0.020
(0.508)
0.018±0.003
(0.457±0.076)
PIN 1
0.780
(19.812)
.250±0.005
(6.350±0.127)
0.025±0.015
(0.635±0.381)
0.100±0.010
(2.540±0.254)
MAX
0.030-0.110
(0.762-2.794)
RAD
0.125
(3.175)
MIN
0.020
(0.508)
MIN
0.130±0.005
(3.302±0.127)
+0.025
–0.015
+0.635
–0.381
0.325
8.255
()
0.009-0.015
(0.229-0.381)
0-10
0.290-0.320
(7.336-8.128)
0.040
(1.016)
TYP
16-Pin Plastic DIP (N)
24-Pin Wide SOIC (WM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com