Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2199BML Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2199BML
Description  300kHz 4mm 횞 4mm Synchronous Buck Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2199BML Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2199BML Datasheet HTML 1Page - Micrel Semiconductor MIC2199BML Datasheet HTML 2Page - Micrel Semiconductor MIC2199BML Datasheet HTML 3Page - Micrel Semiconductor MIC2199BML Datasheet HTML 4Page - Micrel Semiconductor MIC2199BML Datasheet HTML 5Page - Micrel Semiconductor MIC2199BML Datasheet HTML 6Page - Micrel Semiconductor MIC2199BML Datasheet HTML 7Page - Micrel Semiconductor MIC2199BML Datasheet HTML 8Page - Micrel Semiconductor MIC2199BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Micrel, Inc.
MIC2199.
January 2010
5
M9999-011310
Block Diagram
Gm = 0.2×10-3
Current
Limit
Error
Amp
VIN
VDD
CORRECTIVE
RAMP
RESET
Reference
Oscillator
EN/UVLO
2
7
10
6
12
11
8
9
4
5
3
1
COMP
100k
MIC2199
FB
R2
R1
VOUT
CSH
VDD
BST
CIN
VIN
HSD
Q2
Q1
D1
D2
CBST
COUT
VIN
VOUT
L1
VSW
LSD
PGND
CCOMP
RCOMP
4.7µF
AV = 2
V
0.8V
R1
R2
OUT =
+
1
V
6 V
OUT(max) = .0
Current
Sense
Amp
RCS
Control
Logic
PWM
Figure 1. Internal Block Diagram
Functional Description
TheMIC2199isaBiCMOS,switched-mode,synchronous
step-down (buck) converter controller. Current-mode control
is used to achieve superior transient line and load regulation.
An internal corrective ramp provides slope compensation
forstableoperationabovea50%dutycycle.Thecontroller
is optimized for high-efficiency, high-performance DC-DC
converter applications.
The MIC2199 block diagram is shown above.
The MIC2199 controller is divided into 5 functions.
• Controlloop
• Currentlimit
• Reference,enableandUVLO
• MOSFETgatedrive
• Oscillator
Control Loop
The MIC2199 operates in PWM (pulse-width-modulation)
mode. In PWM mode, the synchronous buck converter
forcescontinuouscurrenttoflowintheinductorwhichalso
improves cross regulation of transformer coupled, multiple
outputconfigurations.
PWM Control Loop
TheMIC2199usescurrent-modecontroltoregulatetheoutput
voltage. This method senses the output voltage (outer loop)
and the inductor current (inner loop). It uses inductor current
and output voltage to determine the duty cycle of the buck
converter.Samplingtheinductorcurrentremovestheinductor
fromthecontrolloop,whichsimplifiescompensation.
A block diagram of the MIC2199 PWM current-mode control
loop is shown in Figure 2 and the PWM mode voltage and
current waveform is shown in Figure 3. The inductor current
is sensed by measuring the voltage across the resistor, RCS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com