Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZXSC300 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXSC300
Description  SINGLE OR MULTI CELL LED DRIVER SOLUTION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXSC300 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXSC300 Datasheet HTML 1Page - Diodes Incorporated ZXSC300 Datasheet HTML 2Page - Diodes Incorporated ZXSC300 Datasheet HTML 3Page - Diodes Incorporated ZXSC300 Datasheet HTML 4Page - Diodes Incorporated ZXSC300 Datasheet HTML 5Page - Diodes Incorporated ZXSC300 Datasheet HTML 6Page - Diodes Incorporated ZXSC300 Datasheet HTML 7Page - Diodes Incorporated ZXSC300 Datasheet HTML 8Page - Diodes Incorporated ZXSC300 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
ZXSC300
ISSUE 4 - SEPTEMBER 2007
SINGLE OR MULTI CELL LED DRIVER SOLUTION
Q1
FMMT617
R1
0.33R
L1
100µH
VBATT
LED1
WHITE LED
Vcc
Gnd
Isense
Vdrive
U1
ZXSC300
TYPICAL APPLICATION CIRCUIT
ORDERING INFORMATION
DEVICE
Reel
Tapewidth
Quantity
per reel
ZXSC300E5TA
7”
8mm
3,000
DEVICE MARKING C300
Package SOT23-5
DESCRIPTION
The ZXSC300 is a single or multi cell LED driver
designed for applications where step-up voltage
conversion from very low input voltages is required.
These applications mainly operate from single 1.5V or
1.2V battery cells. The circuit generates constant
current pulses that are ideal for driving single or
multiple LED’s over a wide range of operating voltages.
The ZXSC300 is a PFM controller IC that drives an
external Zetex switching transistor with a very low
saturation resistance. These transistors are the best
switching devices available for this type of switching
conversion enabling high efficiency conversion with
input voltages below 1 volt. The drive output of the
ZXSC controller generates a dynamic drive signal for
the switching transistor.
FEATURES
94% efficiency
Minimum operating input voltage 0.8V
Fixed output current
Low saturation voltage switching transistor
SOT23-5 package
The circuit can start up under full load and operates
down to an input voltage of 0.8 volts. The solution
configuration ensures optimum efficiency over a wide
range of load currents, several circuit configurations
are possible depending on battery life versus
brightness considerations.
The ZXSC300 is offered in the SOT23-5 package which,
when combined with a SOT23 switching transistor,
generates a high efficiency small size circuit solution.
The IC and discrete combination offers the ultimate
cost vs performance solution for single cell LED driving
applications.
APPLICATIONS
LED flashlights and torches
LED backlights
White LED driving
Multiple LED driving
Solar Equipment


Similar Part No. - ZXSC300

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC300 ZETEX-ZXSC300 Datasheet
154Kb / 12P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
ZXSC300 ZETEX-ZXSC300 Datasheet
190Kb / 12P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
ZXSC300E5 ZETEX-ZXSC300E5 Datasheet
154Kb / 12P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
ZXSC300E5TA ZETEX-ZXSC300E5TA Datasheet
190Kb / 12P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
ZXSC300 ZETEX-ZXSC300_06 Datasheet
190Kb / 12P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
More results

Similar Description - ZXSC300

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC300 ZETEX-ZXSC300 Datasheet
154Kb / 12P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
logo
Linear Technology
LTC3490 LINER-LTC3490 Datasheet
160Kb / 12P
Single Cell 350mA LED Driver
logo
Zetex Semiconductors
ZXSC300 ZETEX-ZXSC300_06 Datasheet
190Kb / 12P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
ZXSC380 ZETEX-ZXSC380 Datasheet
358Kb / 10P
Single or multi cell LED driver solution
ZXLD381 ZETEX-ZXLD381 Datasheet
172Kb / 8P
Single or Multi Cell LED Driver Solution
ZXLD383 ZETEX-ZXLD383 Datasheet
283Kb / 10P
Single or multi cell LED driver with enable/rectifier input for solar charged lamp applications
logo
Diodes Incorporated
ZXLD381 DIODES-ZXLD381 Datasheet
210Kb / 9P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
DS32189 Rev. 3 - 2
ZXLD383 DIODES-ZXLD383 Datasheet
160Kb / 10P
SINGLE OR MULTI CELL LED DRIVER SOLUTION
DS32189 Rev. 3 - 2
ZXSC380 DIODES-ZXSC380 Datasheet
389Kb / 10P
Single or multi cell LED driver solution
SEPTEMBER 2007
logo
Linear Technology
LTC3490 LINER-LTC3490_15 Datasheet
169Kb / 12P
Single Cell 350mA LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com