Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZXTP2009Z Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP2009Z
Description  40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2009Z Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP2009Z Datasheet HTML 1Page - Diodes Incorporated ZXTP2009Z Datasheet HTML 2Page - Diodes Incorporated ZXTP2009Z Datasheet HTML 3Page - Diodes Incorporated ZXTP2009Z Datasheet HTML 4Page - Diodes Incorporated ZXTP2009Z Datasheet HTML 5Page - Diodes Incorporated ZXTP2009Z Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SEMICO NDUC TORS
SUMMARY
BVCEO = -40V : RSAT = 29m ; IC = -5.5A
DESCRIPTION
Packaged in the SOT89 outline this new low saturation 40V PNP transistor
offers low on state losses making it ideal for use in DC-DC circuits, line
switching and various driving and power management functions.
FEATURES
Extremely low equivalent on-resistance
5.5 amps continuous current
Up to 15 amps peak current
Very low saturation voltages < -60mV @ -1A
APPLICATIONS
DC - DC converters
MOSFET gate drivers
Charging circuits
Power switches
Motor control
DEVICE MARKING
53Z
ZXTP2009Z
ISSUE 1 - JUNE 2005
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR
IN SOT89
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY PER
REEL
ZXTP2009ZTA
7”
12mm
1,000 units
ORDERING INFORMATION
PINOUT
TOP VIEW
SOT89


Similar Part No. - ZXTP2009Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2009Z ZETEX-ZXTP2009Z Datasheet
123Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2009ZTA ZETEX-ZXTP2009ZTA Datasheet
123Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2009Z DIODES-ZXTP2009Z_15 Datasheet
132Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
More results

Similar Description - ZXTP2009Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T3Z ZETEX-ZX5T3Z Datasheet
118Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2009Z ZETEX-ZXTP2009Z Datasheet
123Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZX5T3Z DIODES-ZX5T3Z Datasheet
128Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER
OCTOBER 2003
logo
Unisonic Technologies
UP2855 UTC-UP2855 Datasheet
127Kb / 3P
PNP MEDIUM POWER LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZX5T3Z DIODES-ZX5T3Z_15 Datasheet
193Kb / 7P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 2
ZXT790AK DIODES-ZXT790AK_15 Datasheet
233Kb / 6P
40V PNP MEDIUM POWER HIGH GAIN TRANSISTOR IN D-PAK
JUNE 2003
ZXTP2009Z DIODES-ZXTP2009Z_15 Datasheet
132Kb / 6P
40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
logo
Unisonic Technologies
UP3855 UTC-UP3855 Datasheet
177Kb / 4P
PNP MEDIUM POWER LOW SATURATION TRANSISTOR
logo
Diodes Incorporated
ZXT790AK DIODES-ZXT790AK_16 Datasheet
562Kb / 7P
40V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
Rev 2
ZXTP5240F DIODES-ZXTP5240F Datasheet
394Kb / 7P
40V PNP LOW SATURATION TRANSISTOR
Rev 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com