Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZXTP2013Z Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP2013Z
Description  100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2013Z Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP2013Z Datasheet HTML 1Page - Diodes Incorporated ZXTP2013Z Datasheet HTML 2Page - Diodes Incorporated ZXTP2013Z Datasheet HTML 3Page - Diodes Incorporated ZXTP2013Z Datasheet HTML 4Page - Diodes Incorporated ZXTP2013Z Datasheet HTML 5Page - Diodes Incorporated ZXTP2013Z Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SUMMARY
BVCEO = -100V : RSAT = 57m ; IC = -3.5A
DESCRIPTION
Packaged in the SOT89 outline this new low saturation 100V PNP transistor
offers low on state losses making it ideal for use in DC-DC circuits, line
switching and various driving and power management functions.
FEATURES
3.5 amps continuous current
Up to 10 amps peak current
Very low saturation voltages
APPLICATIONS
Motor driving
Line switching
High side switches
Subscriber line interface cards (SLIC)
DEVICE MARKING
953
ZXTP2013Z
ISSUE 1 - JUNE 2005
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
1
SOT89
PINOUT
VIEW
DEVICE
REEL
SIZE
TAPE WIDTH
QUANTITY PER
REEL
ZXTP2013ZTA
7"
12mm
embossed
1,000 units
ORDERING INFORMATION


Similar Part No. - ZXTP2013Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2013Z ZETEX-ZXTP2013Z Datasheet
94Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2013ZTA ZETEX-ZXTP2013ZTA Datasheet
94Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTP2013Z DIODES-ZXTP2013Z_15 Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
More results

Similar Description - ZXTP2013Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T853Z ZETEX-ZX5T853Z Datasheet
97Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2012Z ZETEX-ZXTP2012Z Datasheet
122Kb / 6P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZX5T953Z ZETEX-ZX5T953Z Datasheet
94Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTP2013Z ZETEX-ZXTP2013Z Datasheet
94Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2011Z ZETEX-ZXTN2011Z Datasheet
114Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
ZXTN2011Z DIODES-ZXTN2011Z Datasheet
121Kb / 6P
100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
MAY 2006
ZXTP2014Z DIODES-ZXTP2014Z Datasheet
116Kb / 6P
140V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
AUGUST 2005
ZXTN2011Z DIODES-ZXTN2011Z_15 Datasheet
256Kb / 7P
100V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 3
ZXTP2012Z DIODES-ZXTP2012Z_15 Datasheet
243Kb / 7P
60V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
Rev 3
ZXTP2013Z DIODES-ZXTP2013Z_15 Datasheet
100Kb / 6P
100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
JUNE 2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com