Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TIP120 Datasheet(PDF) 1 Page - Weitron Technology

Part # TIP120
Description  PNP/NPN Silicon Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

TIP120 Datasheet(HTML) 1 Page - Weitron Technology

  TIP120 Datasheet HTML 1Page - Weitron Technology TIP120 Datasheet HTML 2Page - Weitron Technology TIP120 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TIP120 Series
WEITRON
http://www.weitron.com.tw
TO-220
1
2
3
1. BASE
2. COLLECTOR
3. EMITTER
PNP/NPN Silicon Power Transistor
Lead(Pb)-Free
P b
1/3
19-Aug-10
FEATURES:
* Medium Power Complementary silicon transistors
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Units
VCBO
Collector-Base Voltage
V
VCEO
Collector-Emitter Voltage
V
VEBO
Emitter-Base Voltage
V
IC
Collector Current -Continuous
PC
Collector Power Dissipation
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=1mA, IE=0
Collector-emitter breakdown voltage
VCEO(SUS) IC=30mA, IB=0
Collector cut-off current
ICBO
Emitter cut-off current
IEBO
VEB=5V, IC=0
DC current gain
hFE(1)
VCE=3V, IC=0.5A
Collector-emitter saturation voltage
VCE (sat)
IC=3A, IB =12mA
Base-emitter voltage
VBE
Output Capacitance
Cob
VCB=10V, IE =0A
TIP120
TIP125
TIP121
60
80
100
60
100
5
5
2
A
W
pF
f = 0.1MHz
200
VCE=3V, IC=3A
2.5
V
2
V
hFE(2)
VCE=3V, IC=3A
1000
1000
2
mA
ICEO
VCE=50V, IB=0
0.5
mA
Collector cut-off current
VCB=60V, IE=0
VCB=80V, IE=0
VCB=100V, I E =0
0.2
mA
TIP120,TIP125
TIP121,TIP126
TIP122,TIP127
60
80
100
V
TIP120,TIP125
TIP121,TIP126
TIP122,TIP127
60
80
100
V
* TIP120,121,122 Darlington TRANSISTOR (NPN)
* TIP125,126,127 Darlington TRANSISTOR (PNP)
TIP126
TIP122
TIP127
80
R ӨJA
R ӨJC
Thermal Resistance Junction to Ambient
Thermal Resistance Junction to Case
62.5
1.92
℃/W
℃/W
TIP120,TIP125
TIP121,TIP126
TIP122,TIP127
TIP120,TIP125
TIP121,TIP126
TIP122,TIP127
VCE=30V, I
VCE=40V, I
B=0
B=0
IC=5A, IB =20mA
4
300
TIP125,TIP126,TIP127
TIP120,TIP121,TIP122


Similar Part No. - TIP120

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP120 MOSPEC-TIP120 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Motorola, Inc
TIP120 MOTOROLA-TIP120 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP120 ONSEMI-TIP120 Datasheet
251Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 2
logo
Power Innovations Ltd
TIP120 POINN-TIP120 Datasheet
157Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP120 STMICROELECTRONICS-TIP120 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
More results

Similar Description - TIP120

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2SA816 MICRO-ELECTRONICS-2SA816 Datasheet
112Kb / 2P
PNP/NPN SILICON PLANAR EPITAXIAL POWER TRANSISTOR
logo
Infineon Technologies A...
BC817UPN INFINEON-BC817UPN Datasheet
137Kb / 4P
NPN/PNP Silicon Transistor Array
Aug-21-2002
logo
NEC
2SA1006 NEC-2SA1006 Datasheet
194Kb / 4P
PNP/NPN SILICON EPITAXIAL TRANSISTOR
logo
List of Unclassifed Man...
2SA1220 ETC-2SA1220 Datasheet
35Kb / 1P
PNP/NPN SILICON EPITAXIAL TRANSISTOR
logo
Motorola, Inc
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
COMEPLEMENTARY NPN-PNP SILICON POWER BOPOLAR TRANSISTOR
logo
List of Unclassifed Man...
2SA634 ETC-2SA634 Datasheet
47Kb / 1P
PNP / NPN EPITAXIAL SILICON TRANSISTOR
2SA607 ETC-2SA607 Datasheet
69Kb / 1P
PNP/NPN SILICON EPITAXIAL TRANSISTOR
2SA636 ETC-2SA636 Datasheet
52Kb / 1P
PNP/NPN SILICON EPITAXIAL TRANSISTOR
2SA985A ETC-2SA985A Datasheet
88Kb / 1P
PNP/NPN SILICON EPITAXIAL TRANSISTOR
2SA1383 ETC-2SA1383 Datasheet
33Kb / 1P
PNP/NPN SILICON EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com