Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5076 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5076
Description  High-Current Switching Applications.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5076 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5076 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5076 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5076 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5076 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5076 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC5076
2004-07-07
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC5076
High-Current Switching Applications.
• Low collector saturation voltage: VCE (sat) = 0.4 V (max) (IC = 3 A)
• High-speed switching: tstg = 1.0 µs (typ.)
• Complementary to 2SA1905
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
5
A
Base current
IB
1
A
Collector power dissipation
PC
1.3
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 50 V, IE = 0
1
µA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
1
µA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
50
V
hFE (1)
(Note)
VCE = 1 V, IC = 1 A
70
240
DC current gain
hFE (2)
VCE = 1 V, IC = 3 A
30
Collector-emitter saturation voltage
VCE (sat)
IC = 3 A, IB = 0.15 A
0.2
0.4
V
Base-emitter saturation voltage
VBE (sat)
IC = 3 A, IB = 0.15 A
0.9
1.2
V
Transition frequency
fT
VCE = 4 V, IC = 1 A
120
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
80
pF
Turn-on time
ton
0.1
Storage time
tstg
1.0
Switching time
Fall time
tf
IB1 = −IB2 = 0.15 A, duty cycle ≤ 1%
0.1
µs
Note: hFE (1) classification O: 70 to 140, Y: 120 to 240
Unit: mm
JEDEC
JEITA
TOSHIBA
2-8M1A
Weight: 0.55 g (typ.)
20 µs
VCC = 30 V
Output
IB2
IB1
Input


Similar Part No. - 2SC5076

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5076 TOSHIBA-2SC5076 Datasheet
188Kb / 4P
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCHING APPLICATIONS)
More results

Similar Description - 2SC5076

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
High-Current Switching Applications
2SB1216 SANYO-2SB1216 Datasheet
126Kb / 4P
High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
High-Current Switching Applications
2SB1509 SANYO-2SB1509 Datasheet
114Kb / 3P
High-Current Switching Applications
2SC4306 SANYO-2SC4306 Datasheet
92Kb / 3P
High-Current Switching Applications
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
HIGH CURRENT SWITCHING APPLICATIONS
logo
Guangdong Kexin Industr...
2SB1204 KEXIN-2SB1204 Datasheet
47Kb / 2P
High-Current Switching Applications
2SB1201 KEXIN-2SB1201 Datasheet
47Kb / 2P
High-Current Switching Applications
logo
Sanyo Semicon Device
ECH8202 SANYO-ECH8202 Datasheet
279Kb / 4P
High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
High Current Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com