Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSR Datasheet(PDF) 3 Page - Tyco Electronics

Part # MSR
Description  High inrush currents with AgSnO contacts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MSR Datasheet(HTML) 3 Page - Tyco Electronics

  MSR_05 Datasheet HTML 1Page - Tyco Electronics MSR_05 Datasheet HTML 2Page - Tyco Electronics MSR_05 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
Miniature Power PCB Relay MSR (Continued)
Product key
Version
Contacts
Contact material
Coil
Part number
V23061-A1002-A302
wash tight
1 NO contact
AgSnO2
5 VDC
0-1393222-4
V23061-A1002-A502
AgNi 0.15
0-1393222-6
V23061-A1003-A302
AgSnO2
6 VDC
0-1393222-9
V23061-A1003-A502
AgNi 0.15
1-1393222-3
V23061-A1005-A302
AgSnO2
12 VDC
2-1393222-0
V23061-A1005-A502
AgNi 0.15
2-1393222-7
V23061-A1005-A602
AgCdO gold pl.
2-1393222-8
V23061-A1007-A302
AgSnO2
24 VDC
3-1393222-9
V23061-A1007-A502
AgNi 0.15
4-1393222-6
V23061-A1007-A602
AgCdO gold pl.
4-1393222-7
V23061-A1009-A502
AgNi 0.15
48 VDC
5-1393222-7
V23061-A1009-A602
AgCdO gold pl.
5-1393222-8
V23061-A1010-A502
AgNi 0.15
60 VDC
6-1393222-2
V23061-A1010-A602
AgCdO gold pl.
6-1393222-3
V23061-B1002-A301
1 CO contact
AgSnO2
5 VDC
7-1393222-2
V23061-B1002-A501
AgNi 0.15
7-1393222-4
V23061-B1002-A601
AgCdO gold pl.
7-1393222-5
V23061-B1003-A501
AgNi 0.15
6 VDC
8-1393222-1
V23061-B1003-A601
AgCdO gold pl.
8-1393222-2
V23061-B1005-A301
AgSnO2
12 VDC
9-1393222-1
V23061-B1005-A501
AgNi 0.15
9-1393222-7
V23061-B1005-A601
AgCdO gold pl.
9-1393222-9
V23061-B1007-A301
AgSnO2
24 VDC
1-1393223-7
V23061-B1007-A501
AgNi 0.15
2-1393223-5
V23061-B1007-A601
AgCdO gold pl.
2-1393223-6
V23061-B1009-A301
AgSnO2
48 VDC
3-1393223-7
V23061-B1009-A501
AgNi 0.15
3-1393223-9
V23061-B1009-A601
AgCdO gold pl.
4-1393223-0
V23061-B1010-A501
AgNi 0.15
60 VDC
4-1393223-3
V23061-B1010-A601
AgCdO gold pl.
4-1393223-4
V23061-A2002-A402
flux proof
1 NO contact
AgCdO
5 VDC
6-1393222-8
V23061-A2003-A402
6 VDC
1-1416200-9
V23061-A2005-A402
12 VDC
2-1416200-1
V23061-A2007-A402
24 VDC
2-1416200-3
V23061-A2009-A402
48 VDC
2-1416200-5
V23061-A2010-A402
60 VDC
2-1416200-6
V23061-B2002-A401
1 CO contact
5 VDC
2-1416200-7
V23061-B2003-A401
6 VDC
2-1416200-8
V23061-B2005-A401
12 VDC
3-1416200-1
V23061-B2007-A401
24 VDC
5-1393223-0
V23061-B2009-A401
48 VDC
3-1416200-6
V23061-B2010-A401
60 VDC
4-1416200-0
Product key
V 23061 -
- A
Type
Version
A
1 NO contact, UL-class A
B
1 CO contact, UL-class A
C
1 NO contact, UL-class F
D
1 CO contact, UL-class F
Version
1
wash tight
2
flux proof
Coil
Coil code: please refer to coil versions table
Contact system
A
standard
Contact material
3
AgSnO2
5
AgNi 0.15
4
AgCdO
6
AgCdO, gold plated
Contact configuration
01 1 CO contact
02 1 NO contact
Other types on request



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com