Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

33793 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33793
Description  Distributed System Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33793 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33793 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33793
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions -0.3 V ≤ VBUSIN or VBUSOUT ≤ 30 V, 5.5 V ≤ VH_CAP ≤ 30 V, -40°C ≤ TA ≤ 85°C unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Initialization to Bus Switch Closing
tBS
100
150
200
μs
Loss of Signal Reset Time
Maximum Time Below Frame Threshold
tTO
–
–
100
ms
ADC Code Conversion Time (Go, No-Go Test)
tADC
–
–
27
μs
BUSIN and BUSOUT Response Current Transition Time
1.0 to 9.0 mA Transition, 9.0 to 1.0 mA
tITR
–
7.0
10
mA/
μs
BUSIN or BUSIN Timing to Response Current
BUSIN or BUSOUT Negative Voltage Transition = 3.0 V to IRSPH = 7.0 mA
BUSIN or BUSOUT Negative Voltage Transition = 3.0 V to IRSPL = 5.0 mA
tRSPH
tRSPL
–
–
–
–
3.3
3.3
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com