Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PIC12F752 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC12F752
Description  8-Pin Flash-Based 8-Bit CMOS Microcontrollers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 3 Page - Microchip Technology

  PIC12F752 Datasheet HTML 1Page - Microchip Technology PIC12F752 Datasheet HTML 2Page - Microchip Technology PIC12F752 Datasheet HTML 3Page - Microchip Technology PIC12F752 Datasheet HTML 4Page - Microchip Technology PIC12F752 Datasheet HTML 5Page - Microchip Technology PIC12F752 Datasheet HTML 6Page - Microchip Technology PIC12F752 Datasheet HTML 7Page - Microchip Technology PIC12F752 Datasheet HTML 8Page - Microchip Technology PIC12F752 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 204 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41576A-page 3
PIC12F752/HV752
High-Performance RISC CPU:
• Only 35 Instructions to Learn:
- All single-cycle instructions except branches
• Operating Speed:
- DC – 20 MHz clock input
- DC – 200 ns instruction cycle
• 1024 x 14 On-chip Flash Program Memory
• Self Read/Write Program Memory
• 64 x 8 General Purpose Registers (SRAM)
• Interrupt Capability
• 8-Level Deep Hardware Stack
• Direct, Indirect and Relative Addressing modes
Microcontroller Features:
• Precision Internal Oscillator:
- Factory calibrated to ±1%, typical
- Software selectable frequency:
8 MHz, 4 MHz, 1 MHz or 31 kHz
- Software tunable
• Power-Saving Sleep mode
• Voltage Range (PIC12F752):
- 2.0V to 5.5V
• Shunt Voltage Regulator (PIC12HV752)
- 2.0V to user defined
- 5 volt regulation
- 4 mA to 50 mA shunt range
• Multiplexed Master Clear with Pull-up/Input Pin
• Interrupt-on-Change Pins
• Individually Programmable Weak Pull-ups
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• Brown-out Reset (BOR)
• Watchdog Timer (WDT) with Internal Oscillator for
Reliable Operation
• Industrial and Extended Temperature Range
• High Endurance Flash:
- 100,000 write Flash endurance
- Flash retention: >40 years
• Programmable Code Protection
• In-Circuit Debug (ICD) via Two Pins
• In-Circuit Serial Programming™ (ICSP™) via Two
Pins
Low-Power Features:
• Standby Current:
- 50 nA @ 2.0V, typical
• Operating Current:
- 11 uA @ 32 kHz, 2.0V, typical
- 260 uA @ 4 MHz, 2.0V, typical
• Watchdog Timer Current:
• <1 uA @ 2.0V, typical
Peripheral Features:
• 5 I/O Pins and 1 Input-only Pin
• High Current Source/Sink:
- 50 mA I/O, (2 pins)
- 25 mA I/O, (4 pins)
• 2 High-Speed Analog Comparator modules:
- 20 ns response time
- Fixed Voltage Reference (FVR)
- Programmable on-chip voltage reference via
integrated 5-bit DAC
- Internal/external inputs and outputs (select-
able)
- Built-in Hysteresis (software selectable)
• A/D Converter:
- 10-bit resolution
- 4 external channels
- 2 internal reference voltage channels
• Dual Range Digital-to-Analog Converter (DAC):
- 5-bit resolution
- Full Range or Limited Range output
- 4 mV steps @ 2.0V (Limited Range)
- 65 mV steps @ 2.0V (Full Range)
• Fixed Voltage Reference (FVR), 1.2V reference
• Capture, Compare, PWM (CCP) module:
- 16-bit Capture, max. resolution = 12.5 ns
- Compare, max. resolution = 200 ns
- 10-bit PWM, max. frequency = 20 kHz
• Timer0: 8-Bit Timer/Counter with 8-Bit Prescaler
• Enhanced Timer1:
- 16-bit Timer/Counter with Prescaler
- External Timer1 Gate (count enable)
- 4 Selectable Clock sources
• Timer2: 8-Bit Timer/Counter with Prescaler
- 8-Bit Period Register and Postscaler
• Hardware Limit Timer (HLT):
- 8-bit Timer with Prescaler
- 8-bit period register and postscaler
- Asynchronous H/W Reset sources
• Complementary Output Generator (COG):
- Complementary Waveforms from selectable
sources
- 2 I/O (50 mA) for direct MOSFET drive
- Rising and/or Falling edge dead-band control
- Phase control, Blanking control
- Auto-shutdown
8-Pin Flash-Based, 8-Bit CMOS Microcontrollers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com