Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2551A Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2551A
Description  USB Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2551A Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2551A_11 Datasheet HTML 1Page - Micrel Semiconductor MIC2551A_11 Datasheet HTML 2Page - Micrel Semiconductor MIC2551A_11 Datasheet HTML 3Page - Micrel Semiconductor MIC2551A_11 Datasheet HTML 4Page - Micrel Semiconductor MIC2551A_11 Datasheet HTML 5Page - Micrel Semiconductor MIC2551A_11 Datasheet HTML 6Page - Micrel Semiconductor MIC2551A_11 Datasheet HTML 7Page - Micrel Semiconductor MIC2551A_11 Datasheet HTML 8Page - Micrel Semiconductor MIC2551A_11 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MIC2551A
Micrel, Inc.
M9999-112008
2
November 2008
Pin Configuration
1
VIF
SPD
RCV
VP
VM
CON
GND
14 VBUS
VPU
VTRM
D+
D-
OE#
SUS
13
12
11
10
9
8
2
3
4
5
6
7
14-Pin TSSOP
1
2
3
4
12
11
10
9
16 15 14 13
5678
SPD
RCV
VP
VM
VTRM
D+
D–
OE#
16-Pin MLF® (ML)
Pin Description
Pin Number
Pin Number
Pin Name
I/O
Pin Function
MIC2551ABTS MIC2551ABML
115
VIF
I
System Interface Supply Voltage: Used to provide reference
supply voltage for system I/O interface signaling.
21
SPD
I
Edge Rate Control: A logic HIGH operates at edge rates for “full
speed” operation. A logic LOW operates edge rates for “low
speed” operation.
32
RCV*
O
Receive Data: Output for USB differential data.
43
VP*
I/O
If OE# = 1, VP = Receiver output (+)
If OE# = 0, VP = Driver input (+)
54
VM*
I/O
If OE# = 1 VM, = Receiver output (-)
If OE# = 0, VM = Driver input (-)
65
CON
I
CONNECT (Input): Controls state of VPU. Refer to VPU pin
description for detail.
76
GND
Ground Reference.
87
SUS
I
Suspend: Active-High. Turns off internal circuits to reduce supply
current.
99
OE#*
I
Output Enable: Active-Low. Enables the transceiver to transmit
data onto the bus. When inactive, the transceiver is in the receive
mode.
10/11
10/11
D–, D+*
I/O
Differential data lines conforming to the USB standard.
12
12
VTRM
O
3.3V Reference Supply Output: Requires a minimum 0.1µF
decoupling capacitor for stability. A 1µF capacitor is recom-
mended
13
13
VPU
O
Pull-up Supply Voltage Output: Used to connect 1.5kΩ pull-up
speed detect resistor. If CON = 1, VPU is high impedance.
If CON = 0, VPU = 3.3V.
14
14
VBUS
I
USB Bus Supply Voltage: Used to power USB transceiver and
internal circuitry.
8,16
NC
No connect.
* See Table 1 for description of logic states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com