Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC4102 Datasheet(PDF) 13 Page - MIC GROUP RECTIFIERS

Part # MIC4102
Description  100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection PRELIMINARY SPECIFICATIONS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

MIC4102 Datasheet(HTML) 13 Page - MIC GROUP RECTIFIERS

Back Button MIC4102 Datasheet HTML 9Page - MIC GROUP RECTIFIERS MIC4102 Datasheet HTML 10Page - MIC GROUP RECTIFIERS MIC4102 Datasheet HTML 11Page - MIC GROUP RECTIFIERS MIC4102 Datasheet HTML 12Page - MIC GROUP RECTIFIERS MIC4102 Datasheet HTML 13Page - MIC GROUP RECTIFIERS MIC4102 Datasheet HTML 14Page - MIC GROUP RECTIFIERS MIC4102 Datasheet HTML 15Page - MIC GROUP RECTIFIERS MIC4102 Datasheet HTML 16Page - MIC GROUP RECTIFIERS MIC4102 Datasheet HTML 17Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Micrel, Inc.
MIC4102
November 2006
13
M9999-112806
The power dissipated by the MIC4102 due to supply
current is
Ihb
Vhb
Idd
Vdd
Pdiss
ply
×
+
×
=
sup
Total power dissipation and Thermal Considerations
Total power dissipation in the MIC41032 equals the
power dissipation caused by driving the external
MOSFETs, the supply current and the internal bootstrap
diode .
total
drive
ply
total
Pdiode
Pdiss
Pdiss
Pdiss
+
+
=
sup
The die temperature may be calculated once the total
power dissipation is known.
JA
total
A
J
Pdiss
T
T
θ
×
+
=
C/W)
(
air
ambient
to
junction
from
resistance
thermal
the
is
θ
MIC4102
the
of
n
dissipatio
power
the
is
Pdiss
C)
(
e
temperatur
junction
the
is
T
e
temperatur
ambient
maximum
the
is
T
:
JC
total
J
A
°
°
where
Anti Shoot-Through, Propagation Delay and other
Timing Considerations
The block diagram in Figure 1 illustrates how the
MIC4102 drives the power stage of a synchronous buck
converter.
It is important that only one of the two
MOSFETs is on at any given time. If both MOSFETs are
simultaneously on they will short Vin to ground, causing
high current from the Vin supply to “shoot through” the
MOSFETs into ground. Excessive shoot-through causes
higher power dissipation in the MOSFETs, voltage
spikes and ringing in the circuit. The high current and
voltage ringing generate conducted and radiated EMI.
Minimizing shoot-through can be done passively,
actively or though a combination of both. Passive shoot-
through protection uses delays between the high and
low gate drivers to prevent both MOSFETs from being
on at the same time. These delays can be adjusted for
different
applications.
Although
simple,
the
disadvantage of this approach is the long delays
required to account for process and temperature
variations in the MOSFET and MOSFET driver.
Active shoot-though monitors voltages on the gate drive
outputs and switch node to determine when to switch
the MOSFETs on and off. This active approach adjusts
the delays to account for some of the variations, but it
too has its disadvantages.
High currents and fast
switching voltages in the gate drive and return paths can
cause parasitic ringing that may turn the MOSFETs back
on even though the gate driver output is low. Another
disadvantage is the driver cannot monitor the gate
voltage inside the MOSFET.
Figure 8 shows an
equivalent circuit, including parasitics, of the gate driver
section. The internal gate resistance (Rg_gate) and any
external damping resistor (Rg) isolate the MOSFET’s
gate from the driver output. There is a delay between
when the driver output goes low and the MOSFET turns
off.
This turn-off delay is usually specified in the
MOSFET data sheet. This delay increases when an
external damping resistor is used.
HS
HB
HO
HS FET
Vdd
Rg
Rg_fet
Ron
Roff
Cgd
Cgs
LO
Rg_fet
Cgd
Cgs
Vin
LS FET
Ron
Roff
Vss
Switching
Node
Figure 8. Gate Drive Circuit with Parasitics
The MIC4102 uses a combination of active sensing and
passive delay to insure that both MOSFETs are not on at
the same time and to minimize shoot-through current.
The timing diagram helps illustrate how the anti-shoot-
through circuitry works. A high level on the PWM pin
causes the LO pin to go low. The MIC4102 monitors the
LO pin voltage and prevents the HO pin from turning on
until the voltage on the LO pin reaches the VLOOFF
threshold. After a short delay, the MIC4102 drives the
HO pin high. Monitoring the LO voltage eliminates any
excessive delay due to the MOSFET drivers turn-off time
and the short delay accounts for the MOSFET turn-off
delay as well as letting the LO pin voltage settle out. An
external resistor between the LO output and the
MOSFET may affect the performance of the LO pin
monitoring circuit and is not recommended.
A low on the PWM pin causes the HO pin to go low after
a short delay (THOOFF). Before the LO pin can go high,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com