Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IRFP360 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IRFP360
Description  MegaMOS FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IRFP360 Datasheet(HTML) 1 Page - IXYS Corporation

  IRFP360 Datasheet HTML 1Page - IXYS Corporation IRFP360 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25°C to 150°C
400
V
V
DGR
T
J
= 25°C to 150°C; R
GS = 1.0 MΩ
400
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
23
A
I
D100
T
C = 100°C
14
A
I
DM
T
C = 25°C, pulse width limited by TJM
92
A
I
AR
23
A
E
AR
T
C = 25°C
30
mJ
dv/dt
I
S
≤ I
DM, di/dt
5
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C = 25°C
300
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
6
g
Max lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
TO-247 AD
This data reflects the objective technical specification and characterization data from engineering lots.
N-Channel Enhancement Mode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= 0 V, I
D = 250 µA
400
V
V
GS(th)
V
DS
= V
GS
,
I
D = 250 µA
2
4
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±100
nA
I
DSS
V
DS
= V
DSS
T
J =
25°C
25
µA
V
GS
= 0 V
T
J = 125°C
250
µA
R
DS(on)
V
GS
= 10 V, I
D = 14A
0.20
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2%
IRFP 360
V
DSS
= 400 V
I
D25
= 23 A
R
DS(on) = 0.20 Ω
G = Gate,
D = Drain,
S = Source,
TAB = Drain
Features
Fast switching times
International standard packages
Low R
DS (on) HDMOS
TM process
Rugged polysilicon gate cell structure
High commuting dv/dt rating
Applications
DC choppers
Motor Controls
Switch-mode and resonant-mode
Uninterruptable power supplies (UPS)
Advantages
Space savings
High power density
Easy to mount with 1 screw (isolated
mounting screw hole)
D (TAB)
Preliminary data
95509A (4/95)
MegaMOSTMFET
IXYS reserves the right to change limits, test conditions, and dimensions.


Similar Part No. - IRFP360

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFP360 INTERSIL-IRFP360 Datasheet
55Kb / 7P
23A, 400V, 0.200 Ohm, N-Channel Power MOSFET
July 1999
logo
International Rectifier
IRFP360 IRF-IRFP360 Datasheet
164Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
logo
Vishay Siliconix
IRFP360 VISHAY-IRFP360 Datasheet
962Kb / 8P
Power MOSFET
30-Jun-08
logo
New Jersey Semi-Conduct...
IRFP360 NJSEMI-IRFP360 Datasheet
640Kb / 2P
Avalanche-Energy-Rated N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
IRFP360 ISC-IRFP360 Datasheet
67Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IRFP360

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FKV460FP SANKEN-FKV460FP Datasheet
14Kb / 1P
MOS FET
logo
IXYS Corporation
IRFP470 IXYS-IRFP470 Datasheet
47Kb / 2P
N-Channel Enhancement Mode MegaMOS FET
IXTH12N90 IXYS-IXTH12N90 Datasheet
102Kb / 4P
MegaMOS FET
IRFP460 IXYS-IRFP460 Datasheet
77Kb / 4P
MegaMOS - Power MOSFET
IXTH20N60 IXYS-IXTH20N60 Datasheet
105Kb / 4P
MegaMOS FET
IXTH30N50 IXYS-IXTH30N50 Datasheet
59Kb / 2P
MegaMOS FET
IXTH50N20 IXYS-IXTH50N20 Datasheet
111Kb / 4P
MegaMOS FET
IXTM10N100 IXYS-IXTM10N100 Datasheet
106Kb / 4P
MegaMOS FET
IXTT75N10 IXYS-IXTT75N10 Datasheet
53Kb / 2P
MegaMOS FET
IXTN120N25 IXYS-IXTN120N25 Datasheet
584Kb / 5P
High Current MegaMOS FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com