Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MASWSS0070 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0070
Description  GaAs Broadband SPDT Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0070 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0070 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0070 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0070 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0070 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWSS0070 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
GaAs Broadband SPDT Switch
DC - 6.0 GHz
Rev. V5
MASWSS0070
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Z0 = 50 Ω, VC = 0 V / 3 V, 8 pF Capacitor
4
4. For positive voltage control, external DC blocking capacitors are required on all RF ports.
5. Insertion loss can be optimized by varying the DC blocking capacitor value.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
5
2 - 3 GHz
3 - 4 GHz
4 - 5 GHz
5 - 6 GHz
dB
dB
dB
dB
0.55
0.55
0.65
0.75
0.9
0.9
1.0
1.1
Isolation
2 - 6 GHz
dB
22
25
Return Loss
DC - 6 GHz
dB
20
IIP2
Two Tone, +5 dBm / Tone, 5 MHz Spacing
VC = 0.0 V/3 V @ 2.4 GHz
VC = 0.0 V/3 V @ 5.8 GHz
VC = 0.0 V/5 V @ 2.4 GHz
VC = 0.0 V/5 V @ 5.8 GHz
dBm
dBm
dBm
dBm
91
81
99
91
IIP3
Two Tone, +5 dBm / Tone, 5 MHz Spacing
VC = 0.0 V/3 V @ 2.4 GHz
VC = 0.0 V/3 V @ 5.8 GHz
VC = 0.0 V/5 V @ 2.4 GHz
VC = 0.0 V/5 V @ 5.8 GHz
dBm
dBm
dBm
dBm
52
50
53
51
Input P-1dB
VC = 0.0 V/3 V @ 2.4 GHz
VC = 0.0 V/3 V @ 5.8 GHz
VC = 0.0 V/5 V @ 2.4 GHz
VC = 0.0 V/5 V @ 5.8 GHz
dBm
dBm
dBm
dBm
32
29
37
35
T-rise, T-fall
10% to 90% RF and 90% to 10% RF
ns
13
Ton, Toff
50% control to 90% RF, 50% control to 10% RF
ns
35
Transients
mV
14
Control Current
|VC| = 3 V
µA
10
25
2nd Harmonic
2.4 GHz, PIN = +20 dBm
5.3 GHz, PIN = +20 dBm
5.8 GHz, PIN = +20 dBm
dBc
dBc
dBc
-88
-91
-77
3rd Harmonic
2.4 GHz, PIN = +20 dBm
5.3 GHz, PIN = +20 dBm
5.8 GHz, PIN = +20 dBm
dBc
dBc
dBc
-87
-81
-85



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com