Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXFN25N90 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFN25N90
Description  HiPerFET Power MOSFETs Single Die MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN25N90 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFN25N90 Datasheet HTML 1Page - IXYS Corporation IXFN25N90 Datasheet HTML 2Page - IXYS Corporation IXFN25N90 Datasheet HTML 3Page - IXYS Corporation IXFN25N90 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2008 IXYS CORPORATION, All rights reserved
IXFN25N90
IXFN26N90
V
DS - Volts
0
2468
10
0
5
10
15
20
V
DS - Volts
0
5
10
15
20
25
0
5
10
15
20
25
30
T
J - Degrees C
25
50
75
100
125
150
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
V
GS - Volts
2
34567
0
5
10
15
20
25
30
I
D - Amperes
0
1020304050
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
V
CE - Volts
0
4
8
12
16
20
0
10
20
30
40
50
6V
5V
VGS = 10V
VGS = 9V
8V
TJ = 25°C
VGS = 9V
8V
7V
TJ = 25°C
TJ = 125°C
4V
4V
TJ = 25°C
TJ = 125°C
5V
6V
4V
5V
6V
VGS = 9V
8V
7V
TJ = 125
OC
VGS = 10V
7V
ID = 26A
ID = 13A
TJ = 25
OC
Figure 1. Output Characteristics at 25OC
Figure 2. Extended Output Characteristics at 125OC
Figure 3. R
DS(on) normalized to 0.5
I
D25
value vs. I
D
Figure 5. R
DS(on) normalized to 0.5
I
D25
value vs. I
D
Figure 4. Admittance Curves
6. R
DS(ON) Normalized to 0.5 ID25 value vs. TJ
Fig. 6. RDS(on) Normalized to 0.5 ID25 Value vs.
Junction Temperature
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 10V
I D = 26A
I D = 13A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com