Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXFN26N90 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFN26N90
Description  HiPerFET Power MOSFETs Single Die MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN26N90 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFN26N90 Datasheet HTML 1Page - IXYS Corporation IXFN26N90 Datasheet HTML 2Page - IXYS Corporation IXFN26N90 Datasheet HTML 3Page - IXYS Corporation IXFN26N90 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2008 IXYS CORPORATION, All rights reserved
DS97526F(12/08)
N-Channel Enhancement Mode
Avalanche Rated,High dv/dt, Low t
rr
Fast Intrinsic Diode
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
900
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
900
V
V
GSS
Continuous
± 20
V
V
GSM
Transient
± 30
V
I
D25
T
C = 25°C
25N90
25
A
I
DM
T
C = 25°C, pulse width limited by TJM
25N90
100
A
I
D25
T
C = 25°C
26N90
26
A
I
DM
T
C = 25°C, pulse width limited by TJM
26N90
104
A
I
AR
T
C = 25°C
25N90
25
A
I
AR
T
C = 25°C
26N90
26
A
E
AR
T
C = 25°C64
mJ
E
AS
T
C = 25°C3
J
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS,TJ ≤ 150°C
5
V/ns
P
D
T
C = 25°C
600
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
V
ISOL
50/60 Hz, RMS
t = 1min
2500
V~
I
ISOL ≤ 1mA
t = 1s
3000
V~
M
d
Mounting torque
1.5/13
Nm/lb.in.
Terminal connection torque
1.3/11.5
Nm/lb.in.
Weight
30
g
G
D
S
S
miniBLOC, SOT-227
E153432
G = Gate
D = Drain
S = Source
Either Source terminal S can be used as the
Source terminal or the Kelvin Source (gate
return) terminal.
HiPerFETTM Power MOSFETs
Single Die MOSFET
Features
International standard package
miniBLOC, with Aluminium nitride
isolation
Low R
DS(ON) HDMOS
TM
process
Avalanche Rated
Low package inductance
Fast intrinsic diode
Advantages
Low gate drive requirement
High power density
Applications:
Switched-mode and resonant-mode
power supplies
DC-DC Converters
Battery chargers
DC choppers
Temperature & lighting controls
IXFN25N90
IXFN26N90
V
DSS
I
D25
R
DS(on)
900V
25A
330m
Ω
Ω
Ω
Ω
Ω
900V
26A
300m
Ω
Ω
Ω
Ω
Ω
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 3mA
900
V
V
GS(th)
V
DS = VGS, ID = 8mA
3.0
5.0
V
I
GSS
V
GS = ± 20V, VDS = 0V
± 200 nA
I
DSS
V
DS = 0.8 • VDSS
100
μA
V
GS = 0V
T
J = 125°C
2 mA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
25N90
330 m
Ω
26N90
300 m
Ω


Similar Part No. - IXFN26N90

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN26N90 IXYS-IXFN26N90 Datasheet
141Kb / 4P
HiPerFET Power MOSFETs Single Die MOSFET
More results

Similar Description - IXFN26N90

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN340N06 IXYS-IXFN340N06 Datasheet
100Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN280N07 IXYS-IXFN280N07 Datasheet
102Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN34N100 IXYS-IXFN34N100 Datasheet
101Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN75N50 IXYS-IXFN75N50 Datasheet
126Kb / 4P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN39N90 IXYS-IXFN39N90 Datasheet
125Kb / 4P
HiPerFET Power MOSFETs Single MOSFET Die
IXFN60N60 IXYS-IXFN60N60 Datasheet
71Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN130N30 IXYS-IXFN130N30 Datasheet
162Kb / 4P
HiPerFET Power MOSFETs Single Die MOSFET
IXFL44N60 IXYS-IXFL44N60 Datasheet
532Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN48N55 IXYS-IXFN48N55 Datasheet
77Kb / 2P
HiPerFET Power MOSFETs Single Die MOSFET
IXFN80N50 IXYS-IXFN80N50 Datasheet
577Kb / 4P
HiPerFET Power MOSFETs Single Die MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com