Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXFN48N60P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFN48N60P
Description  PolarHV HiPerFET Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN48N60P Datasheet(HTML) 4 Page - IXYS Corporation

  IXFN48N60P Datasheet HTML 1Page - IXYS Corporation IXFN48N60P Datasheet HTML 2Page - IXYS Corporation IXFN48N60P Datasheet HTML 3Page - IXYS Corporation IXFN48N60P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFN 48N60P
Fig. 11. Capacitance
10
100
1000
10000
100000
0
5
10
15
20
25
30
35
40
V D S - V olts
C iss
C oss
C rss
f = 1MH z
Fig. 10. Gate Char ge
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
140
160
Q G - nanoCoulombs
VDS = 300V
ID = 24A
IG = 10m A
Fig. 7. Input Adm ittance
0
10
20
30
40
50
60
70
80
4
4.5
5
5.5
6
6.5
7
V G S - V olts
TJ = 125ºC
25ºC
-40ºC
Fig. 8. Tr ans conductance
0
10
20
30
40
50
60
70
80
90
100
0
10
203040
50
6070
8090
I D - A mperes
TJ = -40ºC
25ºC
125ºC
Fig. 9. Sour ce Cur r e nt vs .
Sour ce -To-Dr ain V oltage
0
20
40
60
80
100
120
140
160
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
V S D - V olts
TJ = 125ºC
TJ = 25ºC
Fig . 13. M axim u m T r an s ie n t T h e r m al
Re s is tan ce
0. 00
0. 01
0. 10
1. 00
0. 00 01
0 . 0 01
0 . 0 1
0. 1
1
10
Puls e W idth - Sec onds



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com